Electronic Components Datasheet Search
  English  ▼

X  

SPC5704BEMLU Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # SPC5704BEMLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704BEMLU Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button SPC5704BEMLU Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5704BEMLU Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Pinout and Signal Descriptions
Freescale Semiconductor
14
Table 3. Voltage Supply Pin Descriptions
Supply pin
Function
Pin Number
144 LQFP
176 LQFP
208 MAPBGA
VDD12
1
1.2 V core supply (1.08 V - 1.32 V)
42, 51, 103, 118,
133
50, 67, 123, 148,
163
D4, D9, D13, N4
VSS12
Low voltage ground for core domain
43, 52, 104, 119,
134
51, 68, 124, 149,
164
—
VSS
Low voltage ground
—
—
G7, G8, G9, G10,
H7, H8, H9, H10,
J7, J8, J9, J10,
K7, K8, K9, K10
VDDA
3.3 V/5 V reference voltage and analog
supply for A/D converter
53
69
T11
VSSA
Reference ground and analog ground for
A/D converter
54
70
T10
VDDR
Voltage regulator VREG supply
22
22
N1
VSSR
Voltage regulator ground
23
23
—
VDDE_A
3.3 V/5 V I/O supply. This supply is
shared with internal flash and 16 MHz
IRC oscillator.
7, 124
7, 154, 170
B2, C3, K2
VSSE_A
3.3 V/5 V I/O supply ground
8, 125
8, 155, 171
—
VDDE_B
3.3 V/5 V I/O supply. 4-16 MHz crystal
oscillator shares this supply.
38
46, 64
P3, R2, R15
VSSE_B
3.3 V/5 V I/O supply ground
39
47, 65
—
VDDE_C
3.3 V/5 V I/O supply. 32 KHz oscillator
shares this supply with ADC.
63
79
T7
VSSE_C
3.3 V/5 V I/O supply ground
64
80
—
VDDE_E
3.3 V/5 V I/O supply
109
133
B15, C14
VSSE_E
3.3 V/5 V I/O supply ground
110
134
—
VDDMA
2
Stepper motor 5 V pad supply. SSD
shares this supply.
77
93
N13
VSSMA
Stepper motor ground
78
94
T16
VDDMB
2
Stepper motor 5 V pad supply. SSD
shares this supply.
87
103
L15
VSSMB
Stepper motor ground
88
104
L16
VDDMC
2
Stepper motor 5 V pad supply. SSD
shares this supply.
97
113
H15
VSSMC
Stepper motor ground
98
114
H16
VDDPLL
1.2 V PLL supply
31
31
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com