Electronic Components Datasheet Search
  English  ▼

X  

OPA653 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA653 Datasheet HTML 3Page - Texas Instruments OPA653 Datasheet HTML 4Page - Texas Instruments OPA653 Datasheet HTML 5Page - Texas Instruments OPA653 Datasheet HTML 6Page - Texas Instruments OPA653 Datasheet HTML 7Page - Texas Instruments OPA653 Datasheet HTML 8Page - Texas Instruments OPA653 Datasheet HTML 9Page - Texas Instruments OPA653 Datasheet HTML 10Page - Texas Instruments OPA653 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
3
2
1
0
1
2
3
-
-
-
6
4
2
0
2
4
6
-
-
-
0
20
40
60
80 100 120 140 160 180 200 220 240
Time(ns)
V
LeftScale
IN
V
RightScale
OUT
4
3
2
1
0
1
2
3
4
-
-
-
-
4
3
2
1
0
1
2
3
4
-
-
-
-
0
20
40
60
80
100
120
140
160
180 200
Time(ns)
V
LeftScale
IN
V
RightScale
OUT
80
70
60
50
40
30
20
10
0
100k
1M
10M
100M
Frequency(Hz)
+PSRR
-PSRR
5
0
50
10
15
20
25
-
-
-
-
-
10M
100M
1G
Frequency(Hz)
C =10pF
R
=46.4 W
L
ISO
C =22pF
R
=23.7 W
L
ISO
C =47pF
R
=15.0 W
L
ISO
C =100pF
R
=10.7 W
L
ISO
100
10
10
100
C
(pF)
LOAD
100
10
1
0.1
100k
1M
10M
100M
1G
Frequency(Hz)
OPA653
www.ti.com........................................................................................................................................................................................... SBOS348 – DECEMBER 2008
TYPICAL CHARACTERISTICS: VS = ±6 V (continued)
At G = +2 V/V, RL = 100 Ω, and TA = +25°C, unless otherwise noted.
NONINVERTING OVERDRIVE RECOVERY
INVERTING OVERDRIVE RECOVERY
(GAIN = +2V/V)
(GAIN = –1V/V)
Figure 13.
Figure 14.
POWER-SUPPLY REJECTION RATIO
FREQUENCY RESPONSE
vs FREQUENCY
vs CLOAD (RLOAD = 1 kΩ)
Figure 15.
Figure 16.
RISO vs CLOAD
CLOSED-LOOP OUTPUT IMPEDANCE
(RLOAD = 1 kΩ)
vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com