Electronic Components Datasheet Search
  English  ▼

X  

OPA653 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA653 Datasheet HTML 8Page - Texas Instruments OPA653 Datasheet HTML 9Page - Texas Instruments OPA653 Datasheet HTML 10Page - Texas Instruments OPA653 Datasheet HTML 11Page - Texas Instruments OPA653 Datasheet HTML 12Page - Texas Instruments OPA653 Datasheet HTML 13Page - Texas Instruments OPA653 Datasheet HTML 14Page - Texas Instruments OPA653 Datasheet HTML 15Page - Texas Instruments OPA653 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Input and ESD Protection
External
Pin
Internal
Circuitry
-VCC
+
V
CC
OPA653
SBOS348 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
Other network components, such as noninverting
case, and set the series resistor value as shown in
input termination resistors, should also be placed
the plot of RISO vs Capacitive Load (Figure 17). This
close to the package. Even with a low parasitic
configuration does not preserve signal integrity as
capacitance, excessively high resistor values can
well
as
a
doubly-terminated
line.
If
the
input
create significant time constants that can degrade
impedance of the destination device is low, there will
device
performance.
Good
axial
metal
film
or
be some signal attenuation as a result of the voltage
surface-mount resistors have approximately 0.2 pF in
divider
formed
by
the
series
output
into
the
shunt with the resistor. For resistor values greater
terminating impedance.
than 1.5 k
Ω, this parasitic capacitance can add a pole
e) Socketing a high-speed part such as the
and/or zero below 500 MHz that can affect circuit
OPA653 is not recommended. The additional lead
operation. Keep resistor values as low as possible.
length and pin-to-pin capacitance introduced by the
Using values less than 500
Ω automatically holds the
socket can create an extremely troublesome parasitic
resistor noise terms low, and minimizes the effects of
network that can make it almost impossible to
parasitic capacitance.
achieve a smooth, stable frequency response. Best
d) Connections to other wideband devices on the
results are obtained by soldering the OPA653 directly
board may be made with short direct traces or
onto the board.
through
onboard
transmission
lines.
For
short
connections, consider the trace and the input to the
next device as a lumped capacitive load. Relatively
The OPA653 is built using a very high-speed
wide traces (50 mils to 100 mils, or 1,27 cm to 2,54
complementary bipolar process. The internal junction
cm) should be used. Estimate the total capacitive
breakdown voltages are relatively low for these very
load and set RISO from the plot of Recommended
small geometry devices. These breakdowns are
RISO vs Capacitive Load (Figure 17). Low parasitic
reflected in the Absolute Maximum Ratings table. All
capacitive loads (less than 5 pF) may not need an
device pins are protected with internal ESD protection
RISO because the OPA653 is nominally compensated
diodes to the power supplies, as Figure 25 shows.
to operate with a 2-pF parasitic load.
Higher parasitic capacitive loads without an RISO are
allowed as the signal gain increases (increasing the
unloaded phase margin). If a long trace is required,
and
the
6-dB
signal
loss
intrinsic
to
a
doubly-terminated transmission line is acceptable,
implement a matched impedance transmission line
using microstrip or stripline techniques (consult an
ECL design handbook for microstrip and stripline
layout techniques). A 50-
Ω environment is normally
Figure 25. Internal ESD Protection
not
necessary
onboard,
and
in
fact
a
higher
impedance environment improves distortion as shown
in
the
distortion
versus
load
plots.
With
a
These diodes provide moderate protection to input
characteristic board trace impedance defined based
overdrive voltages above the supplies as well. The
on board material and trace dimensions, a matching
protection
diodes
can
typically
support
30-mA
series resistor into the trace from the output of the
continuous
current.
Where
higher
currents
are
OPA653 is used as well as a terminating shunt
possible (for example, in systems with ±12-V supply
resistor at the input of the destination device.
parts driving into the OPA653), current limiting series
Remember also that the terminating impedance is the
resistors should be added into the two inputs. Keep
parallel combination of the shunt resistor and the
these resistor values as low as possible because high
input impedance of the destination device: this total
values
degrade
both
noise
performance
and
effective impedance should be set to match the trace
frequency response.
impedance.
If
the
6-dB
attenuation
of
a
doubly-terminated transmission line is unacceptable,
a long trace can be series-terminated at the source
end only. Treat the trace as a capacitive load in this
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com