Electronic Components Datasheet Search
  English  ▼

X  

GEMMH Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GEMMH
Description  Absolute encoders - modular bus covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GEMMH Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GEMMH Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GEMMH Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GEMMH Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GEMMH Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - modular bus covers
www.baumerivo.com
2
GEMMH - multivo
Part number
GEMMH.
20
Interface
3P32
Profibus-DPV0 / cable gland
5P32
CANopen / cable gland
8P22
DeviceNet / cable gland
Hollow shaft
P Hollow shaft ø12 mm without pin
N Hollow shaft ø12 mm with pin 15 mm
R Hollow shaft ø14 mm without pin
Q Hollow shaft ø14 mm with pin 15 mm
2 Hollow shaft ø14 mm with pin 23.5 mm
3 Hollow shaft ø12 mm with pin 23.5 mm
multivo: stainless steel housing with hollow shaft
Multiturn encoder 13 bit ST / 16 bit MT
CANopen / DeviceNet / Profibus
Accessories
Mounting accessories (page %S)
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Z 119.050
Spring coupling
Z 119.053
Spring coupling height 19.1 mm
Z 119.070
Spring coupling height 29.1 mm
Z 119.072
Spring coupling for encoders with ø58 mm
housing, hole distance 73 mm
Z 119.073
Spring coupling for encoders with ø58 mm
housing, hole distance 68 mm
Z 119.076
Spring coupling for encoders with ø58 mm
housing
Z 119.082
Spring coupling for encoders with ø58 mm
housing, hole distance 63 mm
Programming accessories (page %S)
Z 150.022
CD with describing files & manuals
CD with file descriptions is not included in the delivery. You
may order them on CD as accessory free-of-charge.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com