Electronic Components Datasheet Search
  English  ▼

X  

OPA653IDRBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDRBT
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDRBT Datasheet(HTML) 4 Page - Texas Instruments

  OPA653IDRBT Datasheet HTML 1Page - Texas Instruments OPA653IDRBT Datasheet HTML 2Page - Texas Instruments OPA653IDRBT Datasheet HTML 3Page - Texas Instruments OPA653IDRBT Datasheet HTML 4Page - Texas Instruments OPA653IDRBT Datasheet HTML 5Page - Texas Instruments OPA653IDRBT Datasheet HTML 6Page - Texas Instruments OPA653IDRBT Datasheet HTML 7Page - Texas Instruments OPA653IDRBT Datasheet HTML 8Page - Texas Instruments OPA653IDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TYPICAL CHARACTERISTICS
OPA653
SBOS348 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±6 V (continued)
At G = +2 V/V, RL = 100 Ω, and TA = +25°C, unless otherwise noted.
OPA653
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
POWER SUPPLY
Specified Operating Voltage
TA = –40°C to +85°C
±3.5
±6
±6.5
V
B
Quiescent Current
TA = +25°C
30.5
32
33.5
mA
A
TA = –40°C to +85°C
28.3
35.7
mA
B
Power-Supply Rejection Ratio
TA = +25°C, ±VS = 5.5 V to 6.5 V
62
66
dB
A
TA = –40°C to +85°C, ±VS = 5.5 V to 6.5 V
60
64
dB
B
THERMAL CHARACTERISTICS
Specified Operating Range
–40
+85
°C
C
DBV and DRB Packages
Thermal Resistance,
θ
JA
Junction-to-ambient
DBV
SOT23-5
105
°C/W
C
DRB
VSON-8
55
°C/W
C
Table of Graphs
TITLE
FIGURE
Small-Signal Frequency Response
VO = 200 mVPP
Figure 1
Noninverting Large-Signal Frequency Response
Gain = +2 V/V
Figure 2
Inverting Large-Signal Frequency Response
Gain = –1 V/V
Figure 3
Input-Referred Voltage and Current Noise Spectral Density
Figure 4
Noninverting Transient Response
0.5-V Step
Figure 5
Inverting Transient Response
0.5-V Step
Figure 6
Harmonic Distortion vs Frequency
Figure 7, Figure 8
Harmonic Distortion vs Load
Figure 9
Harmonic Distortion vs Output Voltage
Figure 10
Harmonic Distortion vs ±Supply Voltage
Figure 11
Two-Tone, Second- and Third-Order Intermodulation Distortion vs Frequency
Figure 12
Noninverting Overdrive Recovery
Gain = +2 V/V
Figure 13
Inverting Overdrive Recovery
Gain = –1 V/V
Figure 14
Power-Supply Rejection Ratio vs Frequency
Figure 15
Frequency Response vs Capacitive Load
Figure 16
Recommended RISO vs Capacitive Load
Figure 17
Closed-Loop Output Impedance vs Frequency
Figure 18
Slew Rate vs VOUT Step
Figure 19
Output Voltage Swing vs RLOAD
Figure 20
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com