Electronic Components Datasheet Search
  English  ▼

X  

OPA653IDRBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDRBT
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDRBT Datasheet(HTML) 5 Page - Texas Instruments

  OPA653IDRBT Datasheet HTML 1Page - Texas Instruments OPA653IDRBT Datasheet HTML 2Page - Texas Instruments OPA653IDRBT Datasheet HTML 3Page - Texas Instruments OPA653IDRBT Datasheet HTML 4Page - Texas Instruments OPA653IDRBT Datasheet HTML 5Page - Texas Instruments OPA653IDRBT Datasheet HTML 6Page - Texas Instruments OPA653IDRBT Datasheet HTML 7Page - Texas Instruments OPA653IDRBT Datasheet HTML 8Page - Texas Instruments OPA653IDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TYPICAL CHARACTERISTICS: VS = ±6 V
6
3
0
3
6
9
12
15
18
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=+2V/V
G= 1V/V
-
8
7
6
5
4
3
2
1
0
100k
1M
10M
100M
1G
Frequency(Hz)
G=+2V/V
V =6.0V
O
PP
V =1.0V
O
PP
V =0.5V
O
PP
V =4.0V
O
PP
V =2.0V
O
PP
4
2
0
2
4
6
8
10
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G= 1V/V
-
V =6.0V
O
PP
V =1.0V
O
PP
V =0.5V
O
PP
V =4.0V
O
PP
V =2.0V
O
PP
1k
100
10
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
Input-Referred
VoltageNoise
Input-Referred
CurrentNoise
3
2
1
0
1
2
3
-
-
-
0
5
10
15
20
25
30
35
40
45
50
Time(ns)
G=+2V/V
0.5-VStep
2-VStep
4-VStep
3
2
1
0
1
2
3
-
-
-
0
5
10
15
20
25
30
35
40
45
50
Time(ns)
G= 1V/V
-
0.5-VStep
2-VStep
4-VStep
OPA653
www.ti.com........................................................................................................................................................................................... SBOS348 – DECEMBER 2008
At G = +2 V/V, RL = 100 Ω, and TA = +25°C, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
(VO = 200 mVPP)
NONINVERTING LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
INPUT-REFERRED VOLTAGE AND CURRENT NOISE
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
SPECTRAL DENSITY
Figure 3.
Figure 4.
NONINVERTING TRANSIENT RESPONSE
INVERTING TRANSIENT RESPONSE
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com