Electronic Components Datasheet Search
  English  ▼

X  

BLF878 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF878 Datasheet HTML 7Page - NXP Semiconductors BLF878 Datasheet HTML 8Page - NXP Semiconductors BLF878 Datasheet HTML 9Page - NXP Semiconductors BLF878 Datasheet HTML 10Page - NXP Semiconductors BLF878 Datasheet HTML 11Page - NXP Semiconductors BLF878 Datasheet HTML 12Page - NXP Semiconductors BLF878 Datasheet HTML 13Page - NXP Semiconductors BLF878 Datasheet HTML 14Page - NXP Semiconductors BLF878 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BLF878_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 December 2008
11 of 18
NXP Semiconductors
BLF878
UHF power LDMOS transistor
7.5 Reliability
925
5.103 + j4.467
3.706
− j0.871
950
5.656 + j4.291
3.556
− j1.011
975
6.205 + j3.963
3.415
− j1.157
1000
6.696 + j3.463
3.281
− j1.308
Table 8.
Typical push-pull impedance …continued
Simulated Zi and ZL device impedance; impedance info at VDS = 42 V and PL(PEP) = 300 W.
f
Zi
ZL
MHz
Ω
Ω
TTF (0.1 % failure fraction).
The reliability at pulsed conditions can be calculated as follows: TTF (0.1 %)
× 1 / δ.
(1) Tj = 100 °C
(2) Tj = 110 °C
(3) Tj = 120 °C
(4) Tj = 130 °C
(5) Tj = 140 °C
(6) Tj = 150 °C
(7) Tj = 160 °C
(8) Tj = 170 °C
(9) Tj = 180 °C
(10) Tj = 190 °C
(11) Tj = 200 °C
Fig 13. BLF878 electromigration (IDS(DC), total device)
001aai087
103
10
102
105
104
106
Years
1
IDS(DC) (A)
0
24
16
8
420
12
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com