Electronic Components Datasheet Search
  English  ▼

X  

BLF878 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF878 Datasheet HTML 8Page - NXP Semiconductors BLF878 Datasheet HTML 9Page - NXP Semiconductors BLF878 Datasheet HTML 10Page - NXP Semiconductors BLF878 Datasheet HTML 11Page - NXP Semiconductors BLF878 Datasheet HTML 12Page - NXP Semiconductors BLF878 Datasheet HTML 13Page - NXP Semiconductors BLF878 Datasheet HTML 14Page - NXP Semiconductors BLF878 Datasheet HTML 15Page - NXP Semiconductors BLF878 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
BLF878_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 December 2008
12 of 18
NXP Semiconductors
BLF878
UHF power LDMOS transistor
8.
Test information
[1]
American technical ceramics type 180R or capacitor of same quality.
[2]
American technical ceramics type 100B or capacitor of same quality.
[3]
American technical ceramics type 100A or capacitor of same quality.
[4]
Printed-Circuit Board (PCB): Rogers 5880;
εr = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
µm.
Table 9.
List of components
For test circuit, see Figure 14, Figure 15 and Figure 16.
Component
Description
Value
Remarks
B1, B2
semi rigid coax
25
Ω; 43.5 mm
EZ90-25-TP
C1, C2
multilayer ceramic chip capacitor
8.2 pF
[1]
C3, C9
multilayer ceramic chip capacitor
3.9 pF
[2]
C4
multilayer ceramic chip capacitor
2.7 pF
[2]
C5, C7, C8
multilayer ceramic chip capacitor
6.8 pF
[1]
C6
multilayer ceramic chip capacitor
2.2 pF
[2]
C10
multilayer ceramic chip capacitor
47 pF
[2]
C11, C12
multilayer ceramic chip capacitor
100 pF
[1]
C13, C14
multilayer ceramic chip capacitor
100 pF
[2]
C15, C16
multilayer ceramic chip capacitor
10
µF
TDK C570X7R1H106KT000N or
capacitor of same quality.
C17, C18
electrolytic capacitor
470
µF; 63 V
C20
multilayer ceramic chip capacitor
15 pF
[3]
C21
trimmer
0.6 pF - 4.5 pF
Tekelec
C22
multilayer ceramic chip capacitor
11 pF
[3]
C23
multilayer ceramic chip capacitor
3.9 pF
[3]
C24
multilayer ceramic chip capacitor
4.7 pF
[3]
C25, C26, C27
multilayer ceramic chip capacitor
100 pF
[3]
C28, C29
multilayer ceramic chip capacitor
560 pF
[2]
C30, C31
electrolytic capacitor
10
µF
L1
stripline
-
[4]
(W
× L) 24 mm × 13 mm
L2
stripline
-
[4]
(W
× L) 15 mm × 24.5 mm
L3
stripline
-
[4]
(W
× L) 5 mm × 21 mm
L4
stripline
-
[4]
(W
× L) 2.4 mm × 6mm
L5, L23
stripline
-
[4]
(W
× L) 2 mm × 43.5 mm
L6
stripline
-
[4]
(W
× L) 2 mm × 4.5 mm
L7
stripline
-
[4]
(W
× L) 5.5 mm × 24 mm
L20
stripline
-
[4]
(W
× L) 15 mm × 5mm
L21
stripline
-
[4]
(W
× L) 3 mm × 39 mm
L22
stripline
-
[4]
(W
× L) 2.4 mm × 5.7 mm
R1, R2
resistor
5.6
Ω
long wires
R3, R4
potentiometer
10 k
Ω
R5, R6
resistor
10 k
Ω
R7, R8
resistor
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com