Electronic Components Datasheet Search
  English  ▼

X  

GI338 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI338
Description  Incremental encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI338 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI338 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI338 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI338
Part number
GI338.
41
See part number (pulses)
E-connection
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
60 10…30 VDC / push-pull
Hollow shaft
0 Hollow shaft ø6 mm torque support / IP 65
1 Hollow shaft ø6 mm spring washer / IP 65
3 End shaft ø8 mm spring coupling / IP 65
4 Hollow shaft ø6 mm torque support / IP 42
7 End shaft ø12 mm spring coupling / IP 65
Part number (pulses)
49 (5)
06 (200)
15 (500)
29 (2048)
39 (50)
09 (250)
22 (1000)
40 (60)
13 (360)
23 (1024)
41 (100)
14 (400)
28 (2000)
Mini series, with hollow shaft
Resolution 5...2048 pulses
Linedriver
Core colour Assignment
brown
UB
green
Track A
red
Track A inv.
yellow
Track B
blue
Track B inv.
pink
Track N (zero pulse)
grey
Track N inv. (zero pulse inv.)
white
GND
Push-pull
Core colour Assignment
brown
UB
green
Track A
yellow
Track B
pink
Track N (zero pulse)
white
GND
Please use cores twisted in pairs (for example track A /
track A inv.) for extension cables of more than 10 m length.
Terminal assignment
GI338 hollow shaft ø6 mm / torque support
GI338 end shaft ø8 mm
GI338 end shaft ø12 mm
1.5
39.5
7
6.5
ø8H7 x 20
53
ø45
ø3.5
1.5
39.5
7
6.5
ø12 H7 x 20
R=17.5±0.5
GI338 hollow shaft ø6 mm / spring washer
12 33.5
9 ±1
6.5
2.4
40
6.5
27
1
5.5
ø3 x 16
33.5
6
5.5
6.5
27
ø45
ø3.5
0.5
Dimensions
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com