Electronic Components Datasheet Search
  English  ▼

X  

GI338 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GI338
Description  Incremental encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI338 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GI338 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI338 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Incremental encoders
1
www.baumerivo.com
www.baumerivo.com
GI338 with hollow shaft
Features
Mini encoder with end or hollow shaft
–
Resolution max. 2048 ppr
–
Housing ø40 mm
–
High rotation speed max. 12000 rpm
–
Operating temperature range -20...+85°C
–
End shaft up to ø12 mm, hollow shaft up to ø6 mm
–
Cost-efficient mounting
–
Technical data - electrical ratings
Voltage supply
5 VDC ±10 %
10...30 VDC
Reverse polarity protection Yes (10...30 VDC)
Consumption w/o load
≤60 mA
Resolution (steps/turn)
5...2048
Reference signal
Zero pulse, width 90°
Sensing method
Optical
Output frequency
≤100 kHz
Output signals
A 90° B, N + inverted
Output circuit
Linedriver RS422
Push-pull short-circuit proof
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
GI338
Technical data - mechanical design
Housing
ø40 mm
Shaft
ø6 mm hollow shaft
ø8 mm end shaft
ø12 mm end shaft
Protection DIN EN 60529 IP 42
IP 65
Operating speed
≤6000 rpm IP 65
≤12000 rpm IP 42
Materials
Housing: polyamide black
Flange: aluminium
Shaft: stainless
Operating temperature
-20...+85 °C
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-200 Hz
DIN EN 60068-2-27
Shock 50 g, 11 ms
Weight approx.
85 g
E-connection
Cable 1 m
Mini series, with hollow shaft
Resolution 5...2048 pulses
Output signals 5 VDC, linedriver
90°
Track A
Track A
Track B
Track B
Zero pulse
Zero pulse
Clockwise rotating direction when looking at flange.
Output signals
Output signals 10...30 VDC, push-pull
Track A
Track B
Zero pulse
90°
Clockwise rotating direction when looking at flange.


Similar Part No. - GI338

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI330 IVO-GI330 Datasheet
587Kb / 4P
Incremental encoders
GI330.0224106 IVO-GI330.0224106 Datasheet
587Kb / 4P
Incremental encoders
GI330.0224109 IVO-GI330.0224109 Datasheet
587Kb / 4P
Incremental encoders
GI330.0224113 IVO-GI330.0224113 Datasheet
587Kb / 4P
Incremental encoders
GI330.0224114 IVO-GI330.0224114 Datasheet
587Kb / 4P
Incremental encoders
More results

Similar Description - GI338

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
Incremental encoders
GE333 IVO-GE333 Datasheet
537Kb / 4P
Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com