Electronic Components Datasheet Search
  English  ▼

X  

LM75BD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LM75BD
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BD Datasheet(HTML) 5 Page - NXP Semiconductors

  LM75BD Datasheet HTML 1Page - NXP Semiconductors LM75BD Datasheet HTML 2Page - NXP Semiconductors LM75BD Datasheet HTML 3Page - NXP Semiconductors LM75BD Datasheet HTML 4Page - NXP Semiconductors LM75BD Datasheet HTML 5Page - NXP Semiconductors LM75BD Datasheet HTML 6Page - NXP Semiconductors LM75BD Datasheet HTML 7Page - NXP Semiconductors LM75BD Datasheet HTML 8Page - NXP Semiconductors LM75BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
5 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
In OS comparator mode, the OS output behaves like a thermostat. It becomes active
when the Temp exceeds the Tth(ots), and is reset when the Temp drops below the Thys.
Reading the device registers or putting the device into shutdown does not change the
state of the OS output. The OS output in this case can be used to control cooling fans or
thermal switches.
In OS interrupt mode, the OS output is used for thermal interruption. When the device is
powered-up, the OS output is first activated only when the Temp exceeds the Tth(ots); then
it remains active indefinitely until being reset by a read of any register. Once the OS output
has been activated by crossing Tth(ots) and then reset, it can be activated again only when
the Temp drops below the Thys; then again, it remains active indefinitely until being reset
by a read of any register. The OS interrupt operation would be continued in this sequence:
Tth(ots) trip, Reset, Thys trip, Reset, Tth(ots) trip, Reset, Thys trip, Reset, etc. Putting the
device into the shutdown mode by setting the bit 0 of the configuration register also resets
the OS output.
In both cases, comparator mode and interrupt mode, the OS output is activated only if a
number of consecutive faults, defined by the device fault queue, has been met. The fault
queue is programmable and stored in the two bits, B3 and B4, of the Configuration
register. Also, the OS output active state is selectable as HIGH or LOW by setting
accordingly the configuration register bit B2.
At power-up, the device is put into normal operation mode, the Tth(ots) is set to 80 °C, the
Thys is set to 75 °C, the OS active state is selected LOW and the fault queue is equal to 1.
The temp reading data is not available until the first conversion is completed in about
100 ms.
The OS response to the temperature is illustrated in Figure 5.
(1) OS is reset by either reading register or putting the device in shutdown mode. It is assumed that
the fault queue is met at each Tth(ots) and Thys crossing point.
Fig 5.
OS response to temperature
002aae334
(1)
(1)
(1)
Tth(ots)
Thys
OS reset
OS active
OS reset
OS active
OS output in comparator mode
OS output in interrupt mode
reading temperature limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com