Electronic Components Datasheet Search
  English  ▼

X  

LM75BD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LM75BD
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LM75BD Datasheet HTML 13Page - NXP Semiconductors LM75BD Datasheet HTML 14Page - NXP Semiconductors LM75BD Datasheet HTML 15Page - NXP Semiconductors LM75BD Datasheet HTML 16Page - NXP Semiconductors LM75BD Datasheet HTML 17Page - NXP Semiconductors LM75BD Datasheet HTML 18Page - NXP Semiconductors LM75BD Datasheet HTML 19Page - NXP Semiconductors LM75BD Datasheet HTML 20Page - NXP Semiconductors LM75BD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
17 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
9.
Limiting values
10. Recommended operating conditions
Table 15.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+6.0
V
VI
input voltage
at input pins
−0.3
+6.0
V
II
input current
at input pins
−5.0
+5.0
mA
IO(sink)
output sink current
on pin OS
-
10.0
mA
VO
output voltage
on pin OS
−0.3
+6.0
V
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Table 16.
Recommended operating characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.8
-
5.5
V
Tamb
ambient temperature
−55
-
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com