Electronic Components Datasheet Search
  English  ▼

X  

LPC2388 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC2388
Description  Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2388 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC2388 Datasheet HTML 1Page - NXP Semiconductors LPC2388 Datasheet HTML 2Page - NXP Semiconductors LPC2388 Datasheet HTML 3Page - NXP Semiconductors LPC2388 Datasheet HTML 4Page - NXP Semiconductors LPC2388 Datasheet HTML 5Page - NXP Semiconductors LPC2388 Datasheet HTML 6Page - NXP Semiconductors LPC2388 Datasheet HTML 7Page - NXP Semiconductors LPC2388 Datasheet HTML 8Page - NXP Semiconductors LPC2388 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
LPC2388_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 December 2008
5 of 61
NXP Semiconductors
LPC2388
Single-chip 16-bit/32-bit microcontroller
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
LPC2388 pinning
LPC2388FBD144
108
73
1
36
002aad333
Table 3.
Pin description
Symbol
Pin
Type
Description
P0[0] to P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 0 pins depends upon the pin function selected via the Pin Connect
block.
P0[0]/RD1/TXD/
SDA1
66[1]
I/O
P0[0] — General purpose digital input/output pin.
I
RD1 — CAN1 receiver input.
O
TXD3 — Transmitter output for UART3.
I/O
SDA1 — I2C1 data input/output (this is not an open-drain pin).
P0[1]/TD1/RXD3/
SCL1
67[1]
I/O
P0[1] — General purpose digital input/output pin.
O
TD1 — CAN1 transmitter output.
I
RXD3 — Receiver input for UART3.
I/O
SCL1 — I2C1 clock input/output (this is not an open-drain pin).
P0[2]/TXD0
141[1]
I/O
P0[2] — General purpose digital input/output pin.
O
TXD0 — Transmitter output for UART0.
P0[3]/RXD0
142[1]
I/O
P0[3] — General purpose digital input/output pin.
I
RXD0 — Receiver input for UART0.
P0[4]/
I2SRX_CLK/
RD2/CAP2[0]
116[1]
I/O
P0[4] — General purpose digital input/output pin.
I/O
I2SRX_CLK — Receive Clock. It is driven by the master and received by the slave.
Corresponds to the signal SCK in the
I2S-bus specification.
I
RD2 — CAN2 receiver input.
I
CAP2[0] — Capture input for Timer 2, channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com