Electronic Components Datasheet Search
  English  ▼

X  

LPC2388 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2388
Description  Single-chip 16-bit/32-bit micro; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2388 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2388 Datasheet HTML 8Page - NXP Semiconductors LPC2388 Datasheet HTML 9Page - NXP Semiconductors LPC2388 Datasheet HTML 10Page - NXP Semiconductors LPC2388 Datasheet HTML 11Page - NXP Semiconductors LPC2388 Datasheet HTML 12Page - NXP Semiconductors LPC2388 Datasheet HTML 13Page - NXP Semiconductors LPC2388 Datasheet HTML 14Page - NXP Semiconductors LPC2388 Datasheet HTML 15Page - NXP Semiconductors LPC2388 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
LPC2388_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 December 2008
12 of 61
NXP Semiconductors
LPC2388
Single-chip 16-bit/32-bit microcontroller
P2[11]/EINT1/
MCIDAT1/
I2STX_CLK
75[6]
I/O
P2[11] — General purpose digital input/output pin.
I
EINT1 — External interrupt 1 input.
O
MCIDAT1 — Data line for SD/MMC interface.
I/O
I2STX_CLK — Transmit Clock. It is driven by the master and received by the slave.
Corresponds to the signal SCK in the
I2S-bus specification.
P2[12]/EINT2/
MCIDAT2/
I2STX_WS
73[6]
I/O
P2[12] — General purpose digital input/output pin.
I
EINT2 — External interrupt 2 input.
O
MCIDAT2 — Data line for SD/MMC interface.
I/O
I2STX_WS — Transmit Word Select. It is driven by the master and received by the
slave. Corresponds to the signal WS in the
I2S-bus specification.
P2[13]/EINT3/
MCIDAT3/
I2STX_SDA
71[6]
I/O
P2[13] — General purpose digital input/output pin.
I
EINT3 — External interrupt 3 input.
O
MCIDAT3 — Data line for SD/MMC interface.
I/O
I2STX_SDA — Transmit data. It is driven by the transmitter and read by the receiver.
Corresponds to the signal SD in the
I2S-bus specification.
P3[0] to P3[31]
I/O
Port 3: Port 3 is a 32 bit I/O port with individual direction controls for each bit. The
operation of port 3 pins depends upon the pin function selected via the Pin Connect
block. Pins 8 through 22, and 27 through 31 of this port are not available.
P3[0]/D0
137[1]
I/O
P3[0] — General purpose digital input/output pin.
I/O
D0 — External memory data line 0.
P3[1]/D1
140[1]
I/O
P3[1] — General purpose digital input/output pin.
I/O
D1 — External memory data line 1.
P3[2]/D2
144[1]
I/O
P3[2] — General purpose digital input/output pin.
I/O
D2 — External memory data line 2.
P3[3]/D3
2[1]
I/O
P3[3] — General purpose digital input/output pin.
I/O
D3 — External memory data line 3.
P3[4]/D4
9[1]
I/O
P3[4] — General purpose digital input/output pin.
I/O
D4 — External memory data line 4.
P3[5]/D5
12[1]
I/O
P3[5] — General purpose digital input/output pin.
I/O
D5 — External memory data line 5.
P3[6]/D6
16[1]
I/O
P3[6] — General purpose digital input/output pin.
I/O
D6 — External memory data line 6.
P3[7]/D7
19[1]
I/O
P3[7] — General purpose digital input/output pin.
I/O
D7 — External memory data line 7.
P3[23]/CAP0[0]/
PCAP1[0]
45[1]
I/O
P3[23] — General purpose digital input/output pin.
I
CAP0[0] — Capture input for Timer 0, channel 0.
I
PCAP1[0] — Capture input for PWM1, channel 0.
P3[24]/CAP0[1]/
PWM1[1]
40[1]
I/O
P3[24] — General purpose digital input/output pin.
I
CAP0[1] — Capture input for Timer 0, channel 1.
O
PWM1[1] — Pulse Width Modulator 1, output 1.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com