Electronic Components Datasheet Search
  English  ▼

X  

ATR1874 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR1874
Description  10-channel High-speed Photo Detector IC for DVD/CD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR1874 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR1874 Datasheet HTML 1Page - ATMEL Corporation ATR1874 Datasheet HTML 2Page - ATMEL Corporation ATR1874 Datasheet HTML 3Page - ATMEL Corporation ATR1874 Datasheet HTML 4Page - ATMEL Corporation ATR1874 Datasheet HTML 5Page - ATMEL Corporation ATR1874 Datasheet HTML 6Page - ATMEL Corporation ATR1874 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
4998AS–DVD–05/07
ATR1874 [Preliminary]
Figure 1-1.
Block Diagram
Gain
Switch
VREF
RF+
B
GND
A
D
C
RF-
∑
∑ +
-
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
H2
0.5*
∑
0.5*
∑
G2
H1
G1
C
D
B
A
F2
E2
F1
E1
VCC
GND
E1G1
E2G2
F1H1
F2H2
SW2
SW1
V
ZERO
2.05V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com