Electronic Components Datasheet Search
  English  ▼

X  

ATR1874 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR1874
Description  10-channel High-speed Photo Detector IC for DVD/CD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR1874 Datasheet(HTML) 6 Page - ATMEL Corporation

  ATR1874 Datasheet HTML 1Page - ATMEL Corporation ATR1874 Datasheet HTML 2Page - ATMEL Corporation ATR1874 Datasheet HTML 3Page - ATMEL Corporation ATR1874 Datasheet HTML 4Page - ATMEL Corporation ATR1874 Datasheet HTML 5Page - ATMEL Corporation ATR1874 Datasheet HTML 6Page - ATMEL Corporation ATR1874 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
4998AS–DVD–05/07
ATR1874 [Preliminary]
7.
Package Information
6.
Ordering Information
Extended Type Number
Package
Remarks
ATR1874-PZQW
QFN_OPEN_4x3.5_16L
Taped and reeled, Pb-free
Package: QFN_OPEN_4 x 3.5_16L_W1 x 1.06
Dimensions in mm
Top View
A1 Corner
3.5±0.1
1.06
8
16
1
0±0.0508 (Pd Center to Pkg Center)
Bottom View
10
9
11
12
13
14
15
16
7
8
6
5
4
3
2
1
A1 Corner
Issue: 2; 18.01.07
Drawing-No.: 6.543-5135.01-4
Side View
0.9±0.1
0.4±0.1
0.65
0.2
0.25
0.65
0.2
specifications
according to DIN
technical drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com