Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 13Page - NXP Semiconductors PCA9541 Datasheet HTML 14Page - NXP Semiconductors PCA9541 Datasheet HTML 15Page - NXP Semiconductors PCA9541 Datasheet HTML 16Page - NXP Semiconductors PCA9541 Datasheet HTML 17Page - NXP Semiconductors PCA9541 Datasheet HTML 18Page - NXP Semiconductors PCA9541 Datasheet HTML 19Page - NXP Semiconductors PCA9541 Datasheet HTML 20Page - NXP Semiconductors PCA9541 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
PCA9541_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 September 2008
17 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
[1]
Default values are the same for PCA9541/01, PCA9541/02, and PCA9541/03.
[2]
Reading the Interrupt Status Register does not clear the MYTEST, NMYTEST or the INTIN bits. They are cleared if:
INT_IN lines goes HIGH for INTIN bit
TESTON bit is cleared for MYTEST bit
NTESTON bit is cleared for NMYTEST bit
[3]
Interrupt on a master is cleared after TESTON bit is cleared by the same master or NTESTON bit is cleared by the other master.
[4]
BUSINIT, BUSOK and BUSLOST bits in the Interrupt Status Register get cleared after a read of the same register is done. Precisely, the
register gets cleared on the second clock pulse during the read operation.
[5]
If the interrupt condition remains on INT_IN after the read sequence, another interrupt will be generated (if the interrupt has not been
masked).
8.5 Power-on reset
When power is applied to VDD, an internal power-on reset holds the PCA9541 in a reset
condition until VDD has reached VPOR. At this point, the reset condition is released and the
internal registers are initialized to their default states, with:
• PCA9541/01: default Channel 0 (no STOP detect)
After power-up and/or insertion of the device in the main I2C-bus, the upstream
Channel 0 and the downstream slave channel are connected together.
• PCA9541/02: default Channel 0 (STOP detect)
After power-up and/or insertion of the device in the main I2C-bus, the upstream
Channel 0 and the downstream slave channel are connected together after a STOP
condition has been detected by the PCA9541/02 on Channel 0.
– If the bus was not idle, Channel 0 and the downstream slave device will be
connected together as soon as a STOP condition occurs at the conclusion of the
transmission sequence on Channel 0.
– If the bus was idle, then Channel 0 is connected to the downstream slave channel
after a STOP condition is detected on Channel 0. This I2C-bus command may or
may not be addressed to the PCA9541/02.
– If a switch to Channel 1 (initiated by the master on Channel 1) is requested (before
or after the default switch to Channel 0 has been performed), the upstream
Channel 1 is connected to the downstream slave channel when the master located
in Channel 1 sends the STOP command.
2
BUSOK[4]
R only
0*
no interrupt generated by bus sensor function
1
interrupt generated by bus sensor function (masked when bus
recovery/initialization requested) - Bus was not idle when the switch occurred
1
BUSINIT[4]
R only
0*
no interrupt generated by the bus recovery/initialization function
1
interrupt generated by the bus recovery/initialization function;
recovery/initialization done
0
INTIN[2]
R only
0*
no interrupt on interrupt input (INT_IN)[5]
1
interrupt on interrupt input (INT_IN)[5]
Table 14.
Register 2 - Interrupt Status (ISTAT) register bit description …continued
Legend: * default value
Bit
Symbol
Access Value[1] Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com