Electronic Components Datasheet Search
  English  ▼

X  

PCA9541 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9541 Datasheet HTML 14Page - NXP Semiconductors PCA9541 Datasheet HTML 15Page - NXP Semiconductors PCA9541 Datasheet HTML 16Page - NXP Semiconductors PCA9541 Datasheet HTML 17Page - NXP Semiconductors PCA9541 Datasheet HTML 18Page - NXP Semiconductors PCA9541 Datasheet HTML 19Page - NXP Semiconductors PCA9541 Datasheet HTML 20Page - NXP Semiconductors PCA9541 Datasheet HTML 21Page - NXP Semiconductors PCA9541 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
PCA9541_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 September 2008
18 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
• PCA9541/03: default ‘no channel’ (no STOP detect)
After power-up and/or insertion of the device in the main I2C-bus, no channel will be
connected to the downstream channel. The device is ready to receive a START
condition and its address by a master.
If either register writes to its Control Register, then the connection between the
upstream and the downstream channels is determined by the values on the Control
Registers.
Thereafter, VDD must be lowered below 0.2 V to reset the device.
8.6 External reset
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst)L. The
PCA9541 registers and I2C-bus state machine will be held in their default states until the
RESET input is once again HIGH. This input typically requires a pull-up resistor to VDD.
Default states are:
• I2C-bus upstream Channel 0 connected to the I2C-bus downstream channel for the
PCA9541/01
• no I2C-bus upstream channel connected to the I2C-bus downstream channel for the
PCA9541/02 with Channel 0 connected to the downstream I2C-bus channel after
detection of a STOP on the upstream channel
• no I2C-bus upstream channel connected to the I2C-bus downstream channel for the
PCA9541/03.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com