Electronic Components Datasheet Search
  English  ▼

X  

PCA9550 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9550
Description  2-bit I2C-bus LED driver with programmable blink rates
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9550 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9550 Datasheet HTML 1Page - NXP Semiconductors PCA9550 Datasheet HTML 2Page - NXP Semiconductors PCA9550 Datasheet HTML 3Page - NXP Semiconductors PCA9550 Datasheet HTML 4Page - NXP Semiconductors PCA9550 Datasheet HTML 5Page - NXP Semiconductors PCA9550 Datasheet HTML 6Page - NXP Semiconductors PCA9550 Datasheet HTML 7Page - NXP Semiconductors PCA9550 Datasheet HTML 8Page - NXP Semiconductors PCA9550 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PCA9550_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 13 October 2008
2 of 26
NXP Semiconductors
PCA9550
2-bit I2C-bus LED driver with programmable blink rates
I ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO8, TSSOP8 (MSOP8), HVSON8
3.
Ordering information
[1]
Also known as MSOP8.
3.1 Ordering options
4.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9550D
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9550DP
TSSOP8[1]
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
PCA9550TK
HVSON8
plastic thermal enhanced very thin small outline package; no leads; 8 terminals;
body 3
× 3 × 0.85 mm
SOT908-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9550D
PCA9550
Tamb = −40 °C to +85 °C
PCA9550DP
9550
Tamb = −40 °C to +85 °C
PCA9550TK
9550
Tamb = −40 °C to +85 °C
Only one I/O shown for clarity.
Fig 1.
Block diagram of PCA9550
A0
002aad241
I2C-BUS
CONTROL
INPUT
FILTERS
PCA9550
POWER-ON
RESET
SCL
SDA
VDD
VSS
LEDn
RESET
OSCILLATOR
PRESCALER 1
REGISTER
PRESCALER 0
REGISTER
PWM1
REGISTER
PWM0
REGISTER
INPUT
REGISTER
LED SELECT (LS0)
REGISTER
BLINK0
BLINK1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com