Electronic Components Datasheet Search
  English  ▼

X  

PCF2123BS Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2123BS
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123BS Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2123BS Datasheet HTML 45Page - NXP Semiconductors PCF2123BS Datasheet HTML 46Page - NXP Semiconductors PCF2123BS Datasheet HTML 47Page - NXP Semiconductors PCF2123BS Datasheet HTML 48Page - NXP Semiconductors PCF2123BS Datasheet HTML 49Page - NXP Semiconductors PCF2123BS Datasheet HTML 50Page - NXP Semiconductors PCF2123BS Datasheet HTML 51Page - NXP Semiconductors PCF2123BS Datasheet HTML 52Page - NXP Semiconductors PCF2123BS Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
49 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
17. Packing information
Fig 33. PCF2123U/10, sawn wafer on film frame carrier; 200
µm thickness
001aai574
Saw lane
~18
µm
45
µm
70
µm
~18
µm
detail Y
1.449 mm
1.492 mm
1
1
1
1
detail X
Y
straight edge of the wafer
1.2+0
mm
−0.1
58 mm
73.68 mm
71.79 mm
∅ 150 mm
∅ 193.50 mm
214.50 mm
214.50 mm
X
0.25
metal frame
plastic film
wafer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com