Electronic Components Datasheet Search
  English  ▼

X  

PCF2123BS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF2123BS
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123BS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF2123BS Datasheet HTML 10Page - NXP Semiconductors PCF2123BS Datasheet HTML 11Page - NXP Semiconductors PCF2123BS Datasheet HTML 12Page - NXP Semiconductors PCF2123BS Datasheet HTML 13Page - NXP Semiconductors PCF2123BS Datasheet HTML 14Page - NXP Semiconductors PCF2123BS Datasheet HTML 15Page - NXP Semiconductors PCF2123BS Datasheet HTML 16Page - NXP Semiconductors PCF2123BS Datasheet HTML 17Page - NXP Semiconductors PCF2123BS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
14 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.6 Time and date function
The majority of the registers are coded in the Binary Coded Decimal (BCD) format. BCD
is used to simplify application use. An example is shown for the Minutes register in
Table 8.
[1]
Values shown in decimal.
[1]
Values shown in decimal.
Table 8.
BCD example
Minutes value
(decimal)
Upper-digit
Digit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00000000
01
00000001
02
00000010
:
::::::::
09
00001001
10
00010000
:
::::::::
58
01011000
59
01011001
Table 9.
Register Seconds (address 02h) bits description
Bit
Symbol
Value
Description
7
OS
0
clock integrity is guaranteed
1
clock integrity is not guaranteed; oscillator has stopped
or been interrupted
6 to 0
SECONDS
00 to 59[1]
this register holds the current seconds coded in BCD
format
Table 10.
Register Minutes (address 03h) bits description
Bit
Symbol
Value
Description
7
-
-
unused
6 to 0
MINUTES
00 to 59[1]
this register holds the current minutes coded in BCD
format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com