Electronic Components Datasheet Search
  English  ▼

X  

PCF8562 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 14Page - NXP Semiconductors PCF8562 Datasheet HTML 15Page - NXP Semiconductors PCF8562 Datasheet HTML 16Page - NXP Semiconductors PCF8562 Datasheet HTML 17Page - NXP Semiconductors PCF8562 Datasheet HTML 18Page - NXP Semiconductors PCF8562 Datasheet HTML 19Page - NXP Semiconductors PCF8562 Datasheet HTML 20Page - NXP Semiconductors PCF8562 Datasheet HTML 21Page - NXP Semiconductors PCF8562 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
PCF8562_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 3 — 2 December 2008
18 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.15 Blinker
The PCF8562 has a very versatile display blinking capability. The whole display can blink
at a frequency selected by the blink-select command (see Table 13). Each blink frequency
is a fraction of the clock frequency; the ratio between the clock frequency and blink
frequency depends on the blink mode selected (see Table 6).
An additional feature allows an arbitrary selection of LCD segments to blink in the static
and 1:2 drive modes. This is implemented without any communication overheads by the
output bank selector which alternates the displayed data between the data in the display
RAM bank and the data in an alternative RAM bank at the blink frequency. This mode can
also be implemented by the blink-select command (see Section 7.17).
In the 1:3 and 1:4 drive modes, where no alternative RAM bank is available, groups of
LCD segments can blink selectively by changing the display RAM data at fixed time
intervals.
The entire display can blink at a frequency other than the nominal blink frequency by
sequentially resetting and setting the display enable bit E at the required rate using the
mode-set command (see Section 7.17).
[1]
Blink modes 1, 2 and 3 and the nominal blink frequencies 0.5 Hz, 1 Hz and 2 Hz correspond to an oscillator
frequency (fclk) of 1536 Hz (see Section 11).
Table 6.
Blinking frequencies[1]
Blink mode
Normal operating mode ratio
Nominal blink frequency
off
-
blinking off
1
2 Hz
2
1 Hz
3
0.5 Hz
f
clk
768
----------
f
clk
1536
-------------
f
clk
3072
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com