Electronic Components Datasheet Search
  English  ▼

X  

PCF8562 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8562 Datasheet HTML 1Page - NXP Semiconductors PCF8562 Datasheet HTML 2Page - NXP Semiconductors PCF8562 Datasheet HTML 3Page - NXP Semiconductors PCF8562 Datasheet HTML 4Page - NXP Semiconductors PCF8562 Datasheet HTML 5Page - NXP Semiconductors PCF8562 Datasheet HTML 6Page - NXP Semiconductors PCF8562 Datasheet HTML 7Page - NXP Semiconductors PCF8562 Datasheet HTML 8Page - NXP Semiconductors PCF8562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
PCF8562_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 3 — 2 December 2008
5 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.
Functional description
The PCF8562 is a versatile peripheral device designed to interface any
microprocessor or microcontroller with a wide variety of LCDs. It can directly drive any
static or multiplexed LCD containing up to four backplanes and up to 32 segments.
The possible display configurations of the PCF8562 depend on the number of active
backplane outputs required. A selection of display configurations is shown in Table 4. All
of these configurations can be implemented in the typical system shown in Figure 3.
The host microprocessor or microcontroller maintains the 2-line I2C-bus communication
channel with the PCF8562. The internal oscillator is enabled by connecting
pin OSC to pin VSS. The appropriate biasing voltages for the multiplexed LCD waveforms
are generated internally. The only other connections required to complete the system are
to the power supplies (VDD, VSS and VLCD) and the LCD panel chosen for the application.
7.1 Power-on reset
At power-on the PCF8562 resets to the following starting conditions:
VLCD
21
LCD supply voltage
BP0 to BP3
22 to 25
LCD backplane outputs
S0 to S22,
S23 to S31
26 to 48,
1 to 9
LCD segment outputs
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
Display configurations
Number of:
7-segment numeric
14-segment numeric
Dot matrix
Backplanes
Segments Digits Indicator
symbols
Characters
Indicator
symbols
4
128
16
16
8
16
128 dots (4
× 32)
3
96
12
12
6
12
96 dots (3
× 32)
2
64
8
8
4
8
64 dots (2
× 32)
1
32
4
4
2
4
32 dots (1
× 32)
The resistance of the power lines must be kept to a minimum.
Fig 3.
Typical system configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
tr
2Cb
SDA
SCL
OSC
32 segment drives
4 backplanes
LCD PANEL
(up to 128
elements)
PCF8562
A0
16
15
11
10
14
21
17
18
19
20
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
001aac264
R
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com