| Electronic Components Datasheet Search |
|
AT91SAM7S128 Datasheet(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S128 Datasheet(HTML) 39 Page - ATMEL Corporation |
|
39 / 50 page ![]() 39 6175GS–ATARM–24-Dec-08 AT91SAM7S Series Summary • ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards – NACK handling, error counter with repetition and iteration limit • IrDA modulation and demodulation – Communication at up to 115.2 Kbps • Test Modes – Remote Loopback, Local Loopback, Automatic Echo 10.8 Serial Synchronous Controller • Provides serial synchronous communication links used in audio and telecom applications • Contains an independent receiver and transmitter and a common clock divider • Offers a configurable frame sync and data length • Receiver and transmitter can be programmed to start automatically or on detection of different event on the frame sync signal • Receiver and transmitter include a data signal, a clock signal and a frame synchronization signal 10.9 Timer Counter • Three 16-bit Timer Counter Channels – Two output compare or one input capture per channel (except for AT91SAM7S32/16 which have only two channels connected to the PIO) • Wide range of functions including: – Frequency measurement – Event counting – Interval measurement – Pulse generation – Delay timing – Pulse Width Modulation – Up/down capabilities • Each channel is user-configurable and contains: – Three external clock inputs (The AT91SAM7S32/16 have one) – Five internal clock inputs, as defined in Table 10-5 – Two multi-purpose input/output signals – Two global registers that act on all three TC channels Table 10-5. Timer Counter Clocks Assignment TC Clock Input Clock TIMER_CLOCK1 MCK/2 TIMER_CLOCK2 MCK/8 TIMER_CLOCK3 MCK/32 TIMER_CLOCK4 MCK/128 TIMER_CLOCK5 MCK/1024 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |