Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7S128 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT91SAM7S128
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S128 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT91SAM7S128 Datasheet HTML 42Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 43Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 44Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 45Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 46Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 47Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 48Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 49Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
Revision History
Doc. Rev
Comments
Change
Request
Ref.
6175AS
First issue - Unqualified on Intranet
Corresponds to 6175A full datasheet approval loop.
Qualified on Intranet.
6175BS
Section 8. “Memories” on page 18 updated: 2 ms => 3 ms, 10 ms => 15 ms, 4 ms => 6 ms
CSR05-529
6175CS
Section 12. ”AT91SAM7S Ordering Information” AT91SAM7S321 changed in Table 12-1 on page 48
#2342
6175DS
“Features”, Table 1-1, “Configuration Summary,” on page 3, Section 4. ”Package and Pinout”
Section 12. ”AT91SAM7S Ordering Information” QFN package information added
#2444
6175ES
Section 10.11 on page 40 USB Device port, Ping-pong Mode includes Isochronous endpoints.
specs
“Features” on page 1, and global: AT91SAM7S512 added to series. Reference to Manchester Encoder
removed from USART.
Section 8. ”Memories” Reformatted Memories, Consolidated Memory Mapping in Figure 8-1 on page 20
Section 10. ”Peripherals” Reordered sub sections.
Section 11. ”Package Drawings” QFN, LQFP package drawings added.
#2748
“ice_nreset” signals changed to” power_on_reset” in System Controller block diagrams, Figure 9-1 on
page 27 and Figure 9-2 on page 28.
#2832
(DBGU IP)
Section 4. ”Package and Pinout” LQFP and QFN Package Outlines replace Mechanical Overview.
Section 10.1 ”User Interface”, User peripherals are mapped between 0xF000 0000 and 0xFFFF EFFF.
SYSIRQ changed to SYSC in “Peripheral Identifiers” Table 10-1 and Table 10-2
rfo review
6175FS
AT91SAM7S161 and AT91SAM7S16 added to product family
BDs
Features: Timer Counter, on page 2 product specific information rewritten, Table 1-1, “Configuration
Summary,” on page 3, footnote explains TC on AT91SAM7S32/16 has only two channels accessible via
PIO, and in Section 10.9 ”Timer Counter”, precisions added to “compare and capture” output/input.
4208
Section 10.6 ”Two-wire Interface”, updated reference to I2C compatibility, internal address registers,
slave addressing, Modes for AT91SAM7S161/16
“One Two-wire Interface (TWI)” on page 2, updated in Features
Section 10.12 ”Analog-to-digital Converter”, updated Successive Approximation Register ADC and the
INL, DNL ± values of LSB.
Section 8.8.3 ”Lock Regions”, locked-region’s erase or program command updated
Section 9.5 ”Debug Unit”, Chip ID updated.
rfo review
4325
Section 6. ”I/O Lines Considerations”, JTAG Port Pin, Test Pin, Erase Pin, updated.
5063
6175GS
“Features”,“Debug Unit (DBGU)” updated with “Mode for General Purpose 2-wire UART Serial
Communication”
Section 7.4 ”Peripheral DMA Controller”, added list of PDC priorities.
Section 9. ”System Controller”, Figure 9-1 and Figure 9-2 RTT is reset by “power_on_reset”.
Section 9.1.1 ”Brownout Detector and Power-on Reset”, fourth paragraph reduced.
Section 9.5 ”Debug Unit”, the list; Section • ”Chip ID Registers”, chip IDs updated, added SAM7S32 Rev
B and SAM7S64 Rev B to the list.
Section 12. ”AT91SAM7S Ordering Information”, Updated product ordering information by MRL A and
MRL B versions.
5846
5913
5224
5685
rfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com