Electronic Components Datasheet Search
  English  ▼

X  

AT73C211 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT73C211
Description  Power Management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C211 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT73C211 Datasheet HTML 1Page - ATMEL Corporation AT73C211 Datasheet HTML 2Page - ATMEL Corporation AT73C211 Datasheet HTML 3Page - ATMEL Corporation AT73C211 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• DC to DC Converter 1.9V / 2.5V (DCDC1)
• LDO Regulator 2.7V / 2.8V (LDO1)
• LDO Regulator 2.8V (LDO2)
• LDO Regulator 2.8V (LDO3)
• LDO Regulator 2.47V / 2.66 (LDO4) - Backup Battery Supply
• LDO Regulator 1.72V / 2.66 (LDO5) - RTC Supply
• Reset Generator
1.
Description
The AT73C211 is a power management device for digital, analog, interface, and, in
some cases, RF and backup sections of add-on modules used as accessories in pop-
ular handheld devices like mobile phones, digital still cameras, PDAs and a wide
range of multimedia devices. The AT73C211 can also be used to supply the CPU with
a high-efficiency DC-DC Converter, a radio frequency transceiver with high PSRR and
noise performance LDO regulators, or memories and analog sections with indepen-
dent LDO channels.
In addition, the AT73C211 integrates LDO regulators to recharge backup elements
and convert its voltage to microcontroller RTC supply.
LDO regulators and DC-DC converters output voltage can be programmed by a mask
change.
Power
Management
AT73C211
6199AS–PMGMT–20-Sep-05
Note: This is a summary document. A complete document
is available on our Web site at www.atmel.com.


Similar Part No. - AT73C211

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C212 ATMEL-AT73C212 Datasheet
77Kb / 11P
Power Management for Mobiles (PM)
AT73C213 ATMEL-AT73C213 Datasheet
754Kb / 35P
Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
AT73C213 ATMEL-AT73C213 Datasheet
1Mb / 37P
Supply Input from Main Li-Ion Battery
AT73C213B ATMEL-AT73C213B Datasheet
1Mb / 37P
Power Management and Analog Companions (PMAAC)
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
93 dB SNR Playback Stereo Channels
More results

Similar Description - AT73C211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Toshiba Semiconductor
SSM6P05FU TOSHIBA-SSM6P05FU_07 Datasheet
154Kb / 5P
Power Management Switch
logo
ATMEL Corporation
AT73C203 ATMEL-AT73C203_14 Datasheet
54Kb / 106P
Power Management
logo
Unisonic Technologies
IMZ2A UTC-IMZ2A_15 Datasheet
110Kb / 3P
POWER MANAGEMENT
logo
Texas Instruments
TPS65218 TI1-TPS65218 Datasheet
1Mb / 87P
Power Management
logo
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
Power Management
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC_15 Datasheet
160Kb / 2P
Power Management
logo
Rohm
EMC4 ROHM-EMC4 Datasheet
63Kb / 3P
Power management
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
Power Management
logo
Tiger Electronic Co.,Lt...
EMC5 TGS-EMC5 Datasheet
106Kb / 3P
Power management
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com