Electronic Components Datasheet Search
  English  ▼

X  

AT73C211 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT73C211
Description  Power Management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C211 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT73C211 Datasheet HTML 1Page - ATMEL Corporation AT73C211 Datasheet HTML 2Page - ATMEL Corporation AT73C211 Datasheet HTML 3Page - ATMEL Corporation AT73C211 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
6199AS–PMGMT–20-Sep-05
AT73C211
2.
Functional Block Diagram
Figure 2-1.
AT73C211 Block Diagram
RESET
GENERATOR
35ms
VPAD
RESET-B
DGND
VIN
EN
FB
GND
CORE DC/ DC
GND
VCORE
1.9/2.5V / 300 mA
VCORE
GND1
VIN
EN
VOUT
GND
VIN
EN
VOUT
GND
ANALOG LDO
AVCC
AGND
VIN
EN
GND
PAD LDO
VBACK
VBATT
ON/OFF
UP-ON/OFF
VIN-REG1
VIN-REG2
AGND
RTC SUPPLY BLOCK
VPAD
GND
VBATT
2.8V / 80 mA
EN-ANALOG-B
DEEP
DISCHARGED
2.6V
VIN
EN
VOUT
GND
VIB -OUT
VVIB
EN-VIB
GND
GND
LX
V-VIB
2.8V /130 mA
ECO-MODE
LX
AVCC
2.7/ 2.8V / 130 mA
BB1
2.8V
LP
DCDC
GND
LP
VIBRATOR LDO
DGND
BB1
AGND1
GND
GND
EN-ANALOG-B
VBATT
PMC
State
Machine
LS
SPI
POR
10KHz
OSC
Over-Temp
EN
UP-ON/OFF
ON/OFF
ECO-MODE
GND
EN
State Machine Reset
reset
BAT-RTC
2.47 /2.66V
5 mA
VCC-RTC
1.72 /2.66V
0.5mA
VCC-RTC
BAT-RTC
GND
GND
2.7V
BB1
GND
Vref
CREF
AGND
V-PAD
VBATT
CREF
RESET-B
EN
en_vcore
en_vcore
BB1
GND
TEST
en_vpad
VBATT>3.2V
EN
GND
en_vcore
LDO1
LDO2
LDO3
LDO4
LDO5
VBATT
VBATT
V-PAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com