Electronic Components Datasheet Search
  English  ▼

X  

SA58671 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA58671
Description  1.2 W/channel stereo class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58671 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA58671 Datasheet HTML 1Page - NXP Semiconductors SA58671 Datasheet HTML 2Page - NXP Semiconductors SA58671 Datasheet HTML 3Page - NXP Semiconductors SA58671 Datasheet HTML 4Page - NXP Semiconductors SA58671 Datasheet HTML 5Page - NXP Semiconductors SA58671 Datasheet HTML 6Page - NXP Semiconductors SA58671 Datasheet HTML 7Page - NXP Semiconductors SA58671 Datasheet HTML 8Page - NXP Semiconductors SA58671 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SA58671_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 October 2008
2 of 24
NXP Semiconductors
SA58671
1.2 W/channel stereo class-D audio amplifier
I Portable radio and gaming
I Educational toy
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SA58671UK
WLCSP16
wafer level chip-size package; 16 bumps;
2.06
× 2.11 × 0.6 mm
SA58671UK
Refer to Table 6 for gain selection.
Fig 1.
Block diagram
001aah390
SA58671
SDR
INRP
INRN
GAIN
ADJUST
right input
PWM
H-
BRIDGE
OUTRP
OUTRN
PVDD
INTERNAL
OSCILLATOR
INLP
INLN
D1
C1
A1
B3
B4
B2
C2
B1
GAIN
ADJUST
left input
PWM
H-
BRIDGE
OUTLP
OUTLN
G0
G1
300 k
Ω
SDL
300 k
Ω
BIAS
CIRCUITRY
PGND
AVDD
AGND
D3
D4
A2
A3
A4
C4
D2
C3
SHORT-CIRCUIT
PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com