Electronic Components Datasheet Search
  English  ▼

X  

SA58671 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA58671
Description  1.2 W/channel stereo class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58671 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA58671 Datasheet HTML 9Page - NXP Semiconductors SA58671 Datasheet HTML 10Page - NXP Semiconductors SA58671 Datasheet HTML 11Page - NXP Semiconductors SA58671 Datasheet HTML 12Page - NXP Semiconductors SA58671 Datasheet HTML 13Page - NXP Semiconductors SA58671 Datasheet HTML 14Page - NXP Semiconductors SA58671 Datasheet HTML 15Page - NXP Semiconductors SA58671 Datasheet HTML 16Page - NXP Semiconductors SA58671 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SA58671_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 October 2008
13 of 24
NXP Semiconductors
SA58671
1.2 W/channel stereo class-D audio amplifier
a. channel 1
b. channel 2
Fig 11. FFT spectrum as a function of frequency; fi = 1 kHz; VI = −20 dB; VDD = 3.6 V;
RL =8 Ω
001aah176
f (kHz)
0
16
20
12
48
−140
−20
−60
−100
20
FFT
(dB)
001aah558
f (kHz)
0
16
20
12
48
−140
−20
−60
−100
20
FFT
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com