Electronic Components Datasheet Search
  English  ▼

X  

TFA9815 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TFA9815
Description  Stereo full-bridge audio amplifier 2 x 17 W
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9815 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TFA9815 Datasheet HTML 4Page - NXP Semiconductors TFA9815 Datasheet HTML 5Page - NXP Semiconductors TFA9815 Datasheet HTML 6Page - NXP Semiconductors TFA9815 Datasheet HTML 7Page - NXP Semiconductors TFA9815 Datasheet HTML 8Page - NXP Semiconductors TFA9815 Datasheet HTML 9Page - NXP Semiconductors TFA9815 Datasheet HTML 10Page - NXP Semiconductors TFA9815 Datasheet HTML 11Page - NXP Semiconductors TFA9815 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TFA9815_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 16 December 2008
8 of 26
NXP Semiconductors
TFA9815
Audio amplifier 2 x 17 W
8.6 Timing diagram
Table 6.
Overview protections
Protections
Symbol
Condition
Diag.
Outputs
Recovering
OTP
Tj > 150 °C
LOW
Floating
Automatic, after 5
µs and T
j < 150 °C
OCP
IO > IORM
LOW
Floating
Automatic, after 5
µs
OVP
VP > 20 V
LOW
Floating
Switch-off to restart when VP < 20 V
UVP
VP < 8 V
LOW
Floating
Switch-off to restart when VP > 8 V
ODP
Tj > 135 °C and IO > IORM
LOW
Floating
Switch-off to restart
WP
OUTX > VDDA − 1 V or OUTX < VSSA + 1 V
LOW
Start-up after removing fault condition
Fig 4.
Start-up sequence
SLEEP
START-UP
OPERATING
FAULT
RESTART
OPERATING
SHUT-DOWN
SLEEP
FLOATING
AUDIO
PWM
010aaa378
AUDIO
PWM
FLOATING
VP
ENABLE
STAB1
CDELAY
V IN x
OUT x
AUDIO
DIAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com