Electronic Components Datasheet Search
  English  ▼

X  

TFA9815 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TFA9815
Description  Stereo full-bridge audio amplifier 2 x 17 W
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9815 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TFA9815 Datasheet HTML 9Page - NXP Semiconductors TFA9815 Datasheet HTML 10Page - NXP Semiconductors TFA9815 Datasheet HTML 11Page - NXP Semiconductors TFA9815 Datasheet HTML 12Page - NXP Semiconductors TFA9815 Datasheet HTML 13Page - NXP Semiconductors TFA9815 Datasheet HTML 14Page - NXP Semiconductors TFA9815 Datasheet HTML 15Page - NXP Semiconductors TFA9815 Datasheet HTML 16Page - NXP Semiconductors TFA9815 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TFA9815_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 16 December 2008
13 of 26
NXP Semiconductors
TFA9815
Audio amplifier 2 x 17 W
12. Characteristics
12.1 Static characteristics
Table 10.
Characteristics
VP= 12 V;Tamb = 25 ˚C; fosc = 550 kHz; typical application diagram Figure 12, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage
VP
supply voltage
single asymmetrical supply
(VDD − VSS)
812
20
V
IP
supply current
Sleep mode
-
110
200
µA
Iq(tot)
total quiescent current
Operating mode; no load, no
snubbers and no filter connected
-40
50
mA
Series resistance output power switches
RDSon
drain-source on-state resistance
Tj = 25 °C
-
150
220
m
Ω
Enable input: pin ENABLE[1]
VIL
LOW-level input voltage
Sleep mode
-
-
0.8
V
VIH
HIGH-level input voltage
Operating mode
3
-
VP
V
II
input current
VI = 5 V
-
1
20
µA
SO/OL input: pin SO/OL[1]
VIL
LOW-level input voltage
self-oscillating configuration
0
-
0.4
V
VIH
HIGH-level input voltage
open-loop configuration
3
4
5
V
Stabilizer output pins STAB1 and STAB2
VO
output voltage
Operating mode
[1]
10.2
11
11.7
V
Comparator full-differential input stage
Voffset(i)(eq) equivalent input offset voltage
-
-
-
1
mV
Vn(i)(eq)
equivalent input noise voltage
20 Hz < f < 20 kHz
-
-
15
µV
Vi(cm)
common-mode input voltage
-
VSSA + 3 -
VDDA
− 1
V
IIB
input bias current
-
-
-
1
µA
Overtemperature protection
Tact(th_prot)
thermal protection activation
temperature
-
150
-
180
°C
Overvoltage protection
Vth(ovp)
overvoltage protection threshold
voltage
level internal fixed
20.1
21.5
23
V
Undervoltage protection
VP(uvp)
undervoltage protection supply
voltage
level internal fixed
7
7.5
7.9
V
Overcurrent protection
IO(ocp)
overcurrent protection output
current
-
[2]
3
3.5
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com