Electronic Components Datasheet Search
  English  ▼

X  

CS42L55 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 5Page - Cirrus Logic CS42L55 Datasheet HTML 6Page - Cirrus Logic CS42L55 Datasheet HTML 7Page - Cirrus Logic CS42L55 Datasheet HTML 8Page - Cirrus Logic CS42L55 Datasheet HTML 9Page - Cirrus Logic CS42L55 Datasheet HTML 10Page - Cirrus Logic CS42L55 Datasheet HTML 11Page - Cirrus Logic CS42L55 Datasheet HTML 12Page - Cirrus Logic CS42L55 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
DS773F1
9
CS42L55
1.1
I/O Pin Characteristics
Input and output levels and associated power supply voltage are shown in the table below. Logic levels
should not exceed the corresponding power supply voltage.
VA
17
Analog Power (Input) - Power supply for the internal analog section.
AGND
18
Analog Ground (Input) - Ground reference for the internal analog section.
FILT+
19
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
VQ
20
Quiescent Voltage (Output) - Filter connection for the internal quiescent voltage.
AFILTA
AFILTB
21
22
Antialias Filter Connection (Output) - Antialias filter connection for the ADC inputs.
AIN2A
AIN2B
AIN1A
AIN1B
23
25
26
28
Analog Input (Input) - The full-scale level is specified in the Analog Input Characteristics specification
table.
AIN2REF
AIN1REF
24
27
Pseudo Diff. Analog Input Reference (Input) - Ground reference for the programmable gain amplifi-
ers (PGA).
HPDETECT
29
Headphone Detect (Input) - Powers down the left and/or right channel of the line and/or headphone
outputs as described in “Headphone Power Control” on page 43 and “Line Power Control” on page 43.
RESET
30
Reset (Input) - The device enters a low power mode when this pin is driven low.
VLDO
31
Low Dropout Regulator (LDO) Power (Input) - Power supply for the LDO regulator.
VDFILT
32
Low Dropout Regulator (LDO) Filter Connection (Output) - Power supply from the LDO regulator
that provides the low voltage power to the digital section.
VL
33
Digital Interface Power (Input) - Determines the required signal level for the serial audio interface
and I²C control port.
SDOUT
34
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
MCLK
35
Master Clock (Input) - Clock source for the delta-sigma modulators.
SCLK
36
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
GND/
Thermal Pad
-
Ground reference for the internal charge pump and digital section; thermal relief pad. See “QFN Ther-
mal Pad” on page 68 for more information.
Power
Supply
Pin Name
I/O
Internal
Connections
Driver
Receiver
VL
RESET
Input
-
-
1.8 V - 3.3 V, with Hysteresis
SCL
Input
-
-
1.8 V - 3.3 V, with Hysteresis
SDA
Input/Output
-
CMOS/Open Drain
1.8 V - 3.3 V, with Hysteresis
MCLK
Input
-
-
1.8 V - 3.3 V
LRCK
Input/Output
Weak Pull-up
(~1 M
Ω)
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
SCLK
Input/Output
Weak Pull-up
(~1 M
Ω)
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
SDOUT
Output
-
1.8 V - 3.3 V, CMOS
1.8 V - 3.3 V
SDIN
Input
-
-
1.8 V - 3.3 V
VA
HPDETECT
Input
-
-
1.8 V - 2.5 V, with Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com