Electronic Components Datasheet Search
  English  ▼

X  

CS42L55 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42L55 Datasheet HTML 1Page - Cirrus Logic CS42L55 Datasheet HTML 2Page - Cirrus Logic CS42L55 Datasheet HTML 3Page - Cirrus Logic CS42L55 Datasheet HTML 4Page - Cirrus Logic CS42L55 Datasheet HTML 5Page - Cirrus Logic CS42L55 Datasheet HTML 6Page - Cirrus Logic CS42L55 Datasheet HTML 7Page - Cirrus Logic CS42L55 Datasheet HTML 8Page - Cirrus Logic CS42L55 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
NOVEMBER '07
DS773F1
Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
DIGITAL to ANALOG FEATURES
5 mW Stereo Playback Power Consumption
99 dB Dynamic Range (A-wtd)
-86 dB THD+N
Digital Signal Processing Engine
–
Bass & Treble Tone Control, De-Emphasis
–
Master Volume Control (+12 to -102 dB in
0.5 dB steps)
–
Soft-Ramp & Zero-Cross Transitions
–
Programmable Peak-Detect and Limiter
–
Beep Generator w/Full Tone Control
Stereo Headphone and Line Amplifiers
Step-Down/Inverting Charge Pump
Class H Amplifier - Automatic Supply Adj.
–
High Efficiency
–
Low EMI
Pseudo-Differential Ground-Centered Outputs
High HP Power Output at -75 dB THD+N
–
2 x 20 mW Into 32
Ω @1.8 V
–
2 x 20 mW Into 16
Ω @1.8 V
1 VRMS Line Output @1.8 V
Analog Vol. Ctl. (+12 to -55 dB in 1 dB steps)
Analog In to Analog Out Passthrough
Pop and Click Suppression
ANALOG to DIGITAL FEATURES
3.5 mW Stereo Record Power Consumption
95 dB Dynamic Range (A-wtd)
-87 dB THD+N
2:1 Stereo Input MUX
Analog Programmable Gain Amplifier (PGA)
(+12 to -6 dB in 0.5 dB steps)
+20 dB Boost
Programmable Automatic Level Control (ALC)
–
Noise Gate for Noise Suppression
–
Programmable Threshold &
Attack/Release Rates
Independent ADC Channel Control
Digital Vol. Ctl. (0 to -96 dB in 1 dB steps)
High-Pass Filter Disable for DC Measurements
Pseudo Differential Inputs
SYSTEM FEATURES
12 MHz USB Master Clock Input
Low Power Operation
–
Stereo Anlg. Passthrough: 3.3 mW @1.8 V
–
Stereo Rec. and Playback: 8.3 mW @1.8 V
Headphone Detect Input
(SYSTEM FEATURES continued on page 2)
I²S Serial Audio
Input/Output
I
2C Control
HPF
+1.65 V to +3.47 V
Interface Supply
Control Port
Serial Audio Port
Level Shifter
Multi-bit
ΔΣ ADC
Beep
+1.65 V to +2.71 V
Analog/Digital Supply
Multi-bit
ΔΣ ADC
ALC
ALC
Left HP
Output
Left 1
Pseudo Diff.
Input
Multi-bit
ΔΣ DAC
LDO Regulator
Ground-Centered
Amplifiers
Inverting
Mono mix,
Limiter, Bass,
Treble Adjust
Step-Down
Attenuator,
Boost, Mix
+VHP
-VHP
Right HP
Output
Left Line
Output
Right Line
Output
Left 2
Right 1
Right 2
Pseudo Diff.
Input
Pseudo Diff.
Input
Pseudo Diff.
Input
+1.65 V to +2.71 V
Charge Pump Supply
Headphone Detect
CS42L55


Similar Part No. - CS42L55

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS42L50-KN CIRRUS-CS42L50-KN Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
More results

Similar Description - CS42L55

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com