Electronic Components Datasheet Search
  English  ▼

X  

CS4350 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 19Page - Cirrus Logic CS4350 Datasheet HTML 20Page - Cirrus Logic CS4350 Datasheet HTML 21Page - Cirrus Logic CS4350 Datasheet HTML 22Page - Cirrus Logic CS4350 Datasheet HTML 23Page - Cirrus Logic CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DS691F1
23
CS4350
4.8
Analog Output and Filtering
The Cirrus Application Note titled Design Notes for a 2-Pole Filter with Differential Input, available as AN48
at www.cirrus.com, discusses the second-order Butterworth filter and differential-to-single-ended converter
that was implemented on the CS4350 evaluation board, CDB4350. Figure 17 illustrates this
implementation. If only single-ended outputs from the CS4350 are required, the passive output filter shown
in Figure 18 can be used.
4.9
Grounding and Power Supply Arrangements
As with any high-resolution converter, the CS4350 requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized. Figure 10 shows the recommended power ar-
rangements, with VA, VLC, and VLS connected to clean supplies. The use of split analog and digital ground
planes is not recommended. However, if planes are split between digital ground and analog ground the
GND pins of the CS4350 should be connected to the analog ground plane.
All signals, especially clocks, should be kept away from the VBIAS, VFILT, and VQ pins in order to avoid
unwanted coupling into the DAC.
4.9.1
Capacitor Placement
Decoupling capacitors should be placed as close to the DAC as possible, with the low value ceramic ca-
pacitor being the closest. To further minimize impedance, these capacitors should be located on the same
layer as the DAC. If desired, all supply pins may be connected to the same supply, but a decoupling ca-
pacitor should still be placed on each supply pin.
Note:
All decoupling capacitors should be referenced to GND.
The CDB4350 evaluation board demonstrates the optimum layout and power supply arrangements.
AOUTx +
AOUTx -
-
+
1000 pF
C0G
562
Ω
22
μF
4.02 k
Ω
5600 pF
C0G
221
Ω
392
Ω
4.64 k
Ω
1.62 k
Ω
1.37 k
Ω
22
μF
2700 pF
C0G
.015
μF
C0G
47 k
Ω
CS4350
GND
Analog
Output
* See section 4.9 for ground connection details
Figure 17. Differential to Single-Ended Output Filter
AOUTx +
3.3 µF
Analog
Output
2200 pF
+
10 k
Ω
CS4350
GND
560
Ω
* See section 4.9 for ground connection details
Figure 18. Passive Single-Ended Output Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com