Electronic Components Datasheet Search
  English  ▼

X  

CS4350 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 30Page - Cirrus Logic CS4350 Datasheet HTML 31Page - Cirrus Logic CS4350 Datasheet HTML 32Page - Cirrus Logic CS4350 Datasheet HTML 33Page - Cirrus Logic CS4350 Datasheet HTML 34Page - Cirrus Logic CS4350 Datasheet HTML 35Page - Cirrus Logic CS4350 Datasheet HTML 36Page - Cirrus Logic CS4350 Datasheet HTML 37Page - Cirrus Logic CS4350 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
DS691F1
CS4350
Soft Ramp and Zero Cross
Soft Ramp and Zero Cross Enable dictate that signal level changes, either by attenuation changes or mut-
ing, will occur in 1/8 dB steps and be implemented on a signal zero crossing. The 1/8 dB level change will
occur after a time-out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample
rate) if the signal does not encounter a zero crossing. The zero cross function is independently monitored
and implemented for each channel.
8.6.2
Soft Volume Ramp-Up after Error (RMP_UP) Bit 5
Function:
When set to 1 (default), an un-mute will be performed after executing a filter mode change, after LRCK is
lost, and after changing the Functional Mode. This un-mute is affected, similar to attenuation changes, by
the Soft and Zero Cross bits in the Volume and Mixing Control register.
When set to 0, an immediate un-mute is performed in these instances.
Note:
For best results, it is recommended that this feature be used in conjunction with the RMP_DN bit.
8.6.3
Soft Ramp-Down before Filter Mode Change (RMP_DN) Bit 4
Function:
When set to 1 (default), a mute will be performed prior to executing a filter mode change. This mute is
affected, similar to attenuation changes, by the Soft and Zero Cross bits in the Volume and Mixing Control
register.
When set to 0, an immediate mute is performed prior to executing a filter mode change.
Note:
For best results, it is recommended that this feature be used in conjunction with the RMP_UP bit.
8.6.4
Interpolation Filter Select (FILT_SEL) Bit 2
Function:
When set to 0 (default), the Interpolation Filter has a fast roll off.
When set to 1, the Interpolation Filter has a slow roll off.
The specifications for each filter can be found in the ”Combined Interpolation & On-Chip Analog Filter Re-
sponse” on page 12, and response plots can be found in Figures 25 through 30.
8.7
Misc. Control - Register 08h
8.7.1
Power Down (PDN) Bit 7
Function:
When set to 1 the entire device will enter a low-power state and the contents of the control registers will
be retained. The power-down bit defaults to ‘0’ on power-up.
76
543
21
0
PDN
Reserved
FREEZE
POPG_EN
RMCK_CTRL1 RMCK_CTRL0 R_SELECT1
R_SELECT0
00
010
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com