Electronic Components Datasheet Search
  English  ▼

X  

CDB4382 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4382
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4382 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4382 Datasheet HTML 17Page - Cirrus Logic CDB4382 Datasheet HTML 18Page - Cirrus Logic CDB4382 Datasheet HTML 19Page - Cirrus Logic CDB4382 Datasheet HTML 20Page - Cirrus Logic CDB4382 Datasheet HTML 21Page - Cirrus Logic CDB4382 Datasheet HTML 22Page - Cirrus Logic CDB4382 Datasheet HTML 23Page - Cirrus Logic CDB4382 Datasheet HTML 24Page - Cirrus Logic CDB4382 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DS514F2
21
CS4382
Selects the appropriate digital filter to maintain the standard 15 ms/50 ms digital de-emphasis filter re-
sponse at 32, 44.1 or 48 kHz sample rates. (see Figure 39)
De-emphasis is only available in Single-Speed Mode.
4.4.3
Soft Ramp-Down Before Filter Mode Change (RMP_DN)
Default = 0
0 - Disabled
1 - Enabled
Function:
A mute will be performed prior to executing a filter mode change. When this feature is enabled, this mute
is effected, similar to attenuation changes, by the Soft and Zero Cross bits in the Mode Control 3 register.
When disabled, an immediate mute is performed prior to executing a filter mode change.
Note:
For best results, it is recommended that this feature be used in conjunction with the RMP_UP bit.
4.5
Invert Control (Address 05h)
4.5.1
Invert Signal Polarity (INV_XX)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, these bits will invert the signal polarity of their respective channels.
4.6
Mixing Control Pair 1 (Channels A1 & B1)(Address 06h)
Mixing Control Pair 2 (Channels A2 & B2)(Address 09h)
Mixing Control Pair 3 (Channels A3 & B3)(Address 0Ch)
Mixing Control Pair 4 (Channels A4 & B4)(Address 0Fh)
4.6.1
Channel A Volume = Channel B Volume (A=B)
Default = 0
0 - Disabled
1 - Enabled
Function:
The AOUTAx and AOUTBx volume levels are independently controlled by the A and the B Channel Vol-
ume Control Bytes when this function is disabled. The volume on both AOUTAx and AOUTBx are deter-
mined by the A Channel Attenuation and Volume Control Bytes (per A-B pair), and the B Channel Bytes
are ignored when this function is enabled.
76
543
21
0
INV_B4
INV_A4
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
00
000
00
0
76
543
21
0
Px_A=B
PxATAPI4
PxATAPI3
PxATAPI2
PxATAPI1
PxATAPI0
PxFM1
PxFM0
00
100
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com