Electronic Components Datasheet Search
  English  ▼

X  

CDB4382 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB4382
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4382 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB4382 Datasheet HTML 34Page - Cirrus Logic CDB4382 Datasheet HTML 35Page - Cirrus Logic CDB4382 Datasheet HTML 36Page - Cirrus Logic CDB4382 Datasheet HTML 37Page - Cirrus Logic CDB4382 Datasheet HTML 38Page - Cirrus Logic CDB4382 Datasheet HTML 39Page - Cirrus Logic CDB4382 Datasheet HTML 40Page - Cirrus Logic CDB4382 Datasheet HTML 41Page - Cirrus Logic CDB4382 Datasheet HTML 42Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DS514F2
39
CS4382
ΣΣ
A Channel
Volume
Control
Aout Ax
AoutBx
Left Channel
Audio Data
Right Channel
Audio Data
BChannel
Volume
Control
MUTE
MUTE
SDINx
Figure 41. ATAPI Block Diagram (x = channel pair 1, 2, 3, or 4)
Figure 42. Recommended Output Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com