Electronic Components Datasheet Search
  English  ▼

X  

CS5340 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5340
Description  101 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5340_08 Datasheet HTML 12Page - Cirrus Logic CS5340_08 Datasheet HTML 13Page - Cirrus Logic CS5340_08 Datasheet HTML 14Page - Cirrus Logic CS5340_08 Datasheet HTML 15Page - Cirrus Logic CS5340_08 Datasheet HTML 16Page - Cirrus Logic CS5340_08 Datasheet HTML 17Page - Cirrus Logic CS5340_08 Datasheet HTML 18Page - Cirrus Logic CS5340_08 Datasheet HTML 19Page - Cirrus Logic CS5340_08 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
DS601F2
CS5340
Confidential Draft
3/11/08
4.2.1
Operation as a Clock Master
As a clock master, LRCK and SCLK operate as outputs. The left/right and serial clocks are internally de-
rived from the master clock with the left/right clock equal to Fs and the serial clock equal to 64x Fs, as
shown in Figure 18.
4.2.2
Operation as a Clock Slave with Auto-Detect
LRCK and SCLK operate as inputs in clock slave mode. It is recommended that the left/right clock be
synchronously derived from the master clock and must be equal to Fs. It is also recommended that the
serial clock be synchronously derived from the master clock and be equal to 64x Fs to maximize system
performance.
A unique feature of the CS5340 is the automatic selection of either Single-, Double- or Quad-Speed mode
when operating as a clock slave. The auto-mode select feature negates the need to configure the Mode
pins to correspond to the desired mode. The auto-mode selection feature supports all standard audio
sample rates from 2 to 200 kHz. However, there are ranges of non-standard audio sample rates that are
not supported when operating with a fast MCLK (512x, 256x, 128x for Single-, Double-, and Quad-Speed
Modes, respectively). Please refer to Table for supported sample rate ranges.
÷ 128
÷ 256
÷ 64
M0
M1
LRCK Output
(Equal to Fs)
Single
Speed
Quad
Speed
Double
Speed
00
01
10
÷ 2
÷ 4
÷ 1
SCLK Output
Single
Speed
Quad
Speed
Double
Speed
00
01
10
÷ 2
÷ 1
0
1
MCLK
Auto-Select
Figure 18. CS5340 Master Mode Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com