Electronic Components Datasheet Search
  English  ▼

X  

CS5340 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5340
Description  101 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5340_08 Datasheet HTML 14Page - Cirrus Logic CS5340_08 Datasheet HTML 15Page - Cirrus Logic CS5340_08 Datasheet HTML 16Page - Cirrus Logic CS5340_08 Datasheet HTML 17Page - Cirrus Logic CS5340_08 Datasheet HTML 18Page - Cirrus Logic CS5340_08 Datasheet HTML 19Page - Cirrus Logic CS5340_08 Datasheet HTML 20Page - Cirrus Logic CS5340_08 Datasheet HTML 21Page - Cirrus Logic CS5340_08 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
DS601F2
CS5340
Confidential Draft
3/11/08
4.4
Power-Up Sequence
Reliable power-up can be accomplished by keeping the device in reset until the power supplies, clocks and
configuration pins are stable. It is also recommended that reset be enabled if the analog or digital supplies
drop below the minimum specified operating voltages to prevent power-glitch-related issues.
4.5
Analog Connections
The analog modulator samples the input at half of the MCLK frequency, or nominally 6.144 MHz. The digital
filter will reject signals within the stopband of the filter. However, there is no rejection for input signals which
are multiples of the input sampling frequency (n
× 6.144 MHz), where n=0,1,2,... Refer to Figure 21 which
shows the suggested filter that will attenuate any noise energy at 6.144 MHz, in addition to providing the
optimum source impedance for the modulators. The use of capacitors which have a large voltage coefficient
(such as general purpose ceramics) must be avoided since these can degrade signal linearity.
4.6
Grounding and Power Supply Decoupling
As with any high-resolution converter, achieving optimal performance from the CS5340 requires careful at-
tention to power supply and grounding arrangements. Figure 17 shows the recommended power arrange-
ments, with VA and VL connected to clean supplies. VD, which powers the digital filter, may be run from the
system logic supply or may be powered from the analog supply via a resistor. In this case, no additional
devices should be powered from VD. Decoupling capacitors should be as near to the ADC as possible, with
the low-value ceramic capacitor being the nearest. All signals, especially clocks, should be kept away from
the FILT+ and VQ pins in order to avoid unwanted coupling into the modulators. The FILT+ and VQ decou-
pling capacitors, particularly the 0.01 µF, must be positioned to minimize the electrical path from FILT+ and
REF_GND. Furthermore, all ground pins on CS5340 should be referenced to the same ground reference.
The CDB5340 evaluation board demonstrates the optimum layout and power supply arrangements. To min-
imize digital noise, connect the ADC digital outputs only to CMOS inputs.
4.7
Synchronization of Multiple Devices
In systems where multiple ADCs are required, the user can achieve simultaneous sampling if the MCLK and
LRCK signals are the same for all of the CS5340’s in the system. If only one master clock source is needed,
one solution is to place one CS5340 in Master mode, and slave all of the other CS5340’s to the one master.
If multiple master clock sources are needed, a possible solution would be to supply all clocks from the same
external source and time the CS5340 reset with the inactive (falling) edge of MCLK. This will ensure that all
converters begin sampling on the same clock edge.
Figure 21. CS5340 Recommended Analog Input Buffer
100 k
Ω
100 k
Ω
VA
4.7
µF
470 pF
C0G
634
Ω
91
Ω
2700 pF
CS5340 AINx
AINx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com