Electronic Components Datasheet Search
  English  ▼

X  

CS5463 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5463_08 Datasheet HTML 31Page - Cirrus Logic CS5463_08 Datasheet HTML 32Page - Cirrus Logic CS5463_08 Datasheet HTML 33Page - Cirrus Logic CS5463_08 Datasheet HTML 34Page - Cirrus Logic CS5463_08 Datasheet HTML 35Page - Cirrus Logic CS5463_08 Datasheet HTML 36Page - Cirrus Logic CS5463_08 Datasheet HTML 37Page - Cirrus Logic CS5463_08 Datasheet HTML 38Page - Cirrus Logic CS5463_08 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
CS5463
DS678F2
35
6.2 Page 1 Registers
6.2.1 Energy Pulse Output Width ( PulseWidth )
Address: 0
Default = 1
PulseWidth sets the duration of energy pulses (tPW). The actual pulse duration is the contents of PulseWidth
divided by the output word rate (OWR). PulseWidth is an integer in the range of 1 to 8388607.
6.2.2 No Load Threshold ( LoadMin )
Address: 1
Default = 0
LoadMin is used to set the no load threshold. When the magnitude of the PActive register is less than LoadMin,
the active energy pulse output will be disabled. LoadMin is a two's complement value in the range of
-1.0
≤ LoadMin < 1.0, with the binary point to the right of the MSB. Negative values are not used.
6.2.3 Temperature Gain Register ( TGain )
Address: 2
Default = 0x2F03C3 = 23.5073471
Sets the temperature channel gain. Temperature gain (TGain) is utilized to convert from one temperature scale
to another. The Celsius scale (oC) is the default. Values will be within in the range of 0
≤ TGain < 128. The value
is represented in unsigned notation, with the binary point to the right of bit 7th MSB. See Section 5.8 On-chip
Temperature Sensor
on page 19.
6.2.4 Temperature Offset Register ( TOff )
Address: 3
Default = 0xF3D35A = -0.0951126
Temperature offset (Toff) is used to remove the temperature channel’s offset at the zero-degree reading. Values
are represented in two's complement notation and in the range of -1.0
≤ Toff < 1.0, with the binary point to the
right of the MSB.
MSB
LSB
0222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
26
25
24
23
22
21
20
2-1
.....
2-11
2-12
2-13
2-14
2-15
2-16
2-17
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com