Electronic Components Datasheet Search
  English  ▼

X  

CS5463 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS5463_08 Datasheet HTML 33Page - Cirrus Logic CS5463_08 Datasheet HTML 34Page - Cirrus Logic CS5463_08 Datasheet HTML 35Page - Cirrus Logic CS5463_08 Datasheet HTML 36Page - Cirrus Logic CS5463_08 Datasheet HTML 37Page - Cirrus Logic CS5463_08 Datasheet HTML 38Page - Cirrus Logic CS5463_08 Datasheet HTML 39Page - Cirrus Logic CS5463_08 Datasheet HTML 40Page - Cirrus Logic CS5463_08 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
CS5463
DS678F2
37
7. SYSTEM CALIBRATION
7.1 Channel Offset and Gain Calibration
The CS5463 provides digital DC offset and gain com-
pensation that can be applied to the instantaneous volt-
age and current measurements, and AC offset
compensation to the voltage and current RMS calcula-
tions.
Since the voltage and current channels have indepen-
dent offset and gain registers, system offset and/or
gain can be performed on either channel without the
calibration results from one channel affecting the oth-
er.
The computational flow of the calibration sequences are
illustrated in Figure 12. The flow applies to both the volt-
age channel and current channel.
7.1.1 Calibration Sequence
The CS5463 must be operating in its active state and
ready to accept valid commands. Refer to Section 5.16
Commands
on page 23. The calibration algorithms are
dependent on the value N in the Cycle Count Register
(see Figure 12). Upon completion, the results of the cal-
ibration are available in their corresponding register.
The DRDY bit in the Status Register will be set. If the
DRDY bit is to be output on the INT pin, then DRDY bit
in the Mask Register must be set. The initial values in
the AC gain and offset registers do affect the results of
the calibration results.
7.1.1.1 Duration of Calibration Sequence
The value of the Cycle Count Register (N) determines
the number of conversions performed by the CS5463
during a given calibration sequence. For DC offset and
gain calibrations, the calibration sequence takes at least
N + 30 conversion cycles to complete. For AC offset cal-
ibrations, the sequence takes at least 6N + 30 ADC cy-
cles to complete, (about 6 computation cycles). As N is
increased, the accuracy of calibration results will in-
crease.
7.1.2 Offset Calibration Sequence
For DC and AC offset calibrations, the VIN
± pins of the
voltage and IIN
± pins of the current channels should be
connected to their ground reference level. (see Figure
13.)
The AC offset registers must be set to the default
(0x000000).
7.1.2.1 DC Offset Calibration Sequence
Channel gain should be set to 1.0 when performing DC
offset calibration. Initiate a DC offset calibration. The DC
offset registers are updated with the negative of the av-
erage of the instantaneous samples collected over a
computational cycle. Upon completion of the DC offset
calibration the DC offset is stored in the corresponding
DC offset register. The DC offset value will be added to
Figure 12. Calibration Data Flow
In
Modulator
+
X
to V*, I* Registers
Filter
N
V
RMS*, IRMS*
Registers
÷
DC Offset*
Gain*
0.6
+
+
+
* Denotes readable/writable register
N
÷
+
X
Σ
√
N
Inverse
X
-1
RMS
AC Offset*
ΣN
X
-1
+
+
-
XGAIN
+
-
External
Connections
0V
+
-
AIN+
AIN-
CM +
-
Figure 13. System Calibration of Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com