| Electronic Components Datasheet Search |
|
CS5463 Datasheet(PDF) 45 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5463 Datasheet(HTML) 45 Page - Cirrus Logic |
|
45 / 46 page ![]() CS5463 DS678F2 45 11. ORDERING INFORMATION 12. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Temperature Package CS5463-IS -40 to +85 °C 24-pin SSOP CS5463-ISZ (lead free) Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5463-IS 240 °C 2 365 Days CS5463-ISZ (lead free) 260 °C 3 7 Days |