Electronic Components Datasheet Search
  English  ▼

X  

CS42888 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS42888
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42888 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS42888 Datasheet HTML 3Page - Cirrus Logic CS42888 Datasheet HTML 4Page - Cirrus Logic CS42888 Datasheet HTML 5Page - Cirrus Logic CS42888 Datasheet HTML 6Page - Cirrus Logic CS42888 Datasheet HTML 7Page - Cirrus Logic CS42888 Datasheet HTML 8Page - Cirrus Logic CS42888 Datasheet HTML 9Page - Cirrus Logic CS42888 Datasheet HTML 10Page - Cirrus Logic CS42888 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
DS717F2
7
CS42888
DAC_SDIN1
DAC_SDIN2
DAC_SDIN3
DAC_SDIN4
17
16
15
14
DAC Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
DAC_SCLK
18
DAC Serial Clock (Input/Output) - Serial clock for the DAC serial audio interface. Input fre-
quency must be 256xFs in the TDM digital interface format.
DAC_LRCK
19
DAC Left/Right Clock (Input/Output) - Determines which channel, Left or Right, is currently
active on the DAC serial audio data line. Signals the start of a new TDM frame in the TDM digital
interface format.
AUX_LRCK
20
Auxiliary Left/Right Clock (Output) - Determines which channel, Left or Right, is currently
active on the Auxiliary serial audio data line. Derived from the ADC serial port and equals Fs.
AUX_SCLK
21
Auxiliary Serial Clock (Output) - Serial clock for the Auxiliary serial audio interface.
AUX_SDIN
22
Auxiliary Serial Input (Input) - Provides an additional serial input for two’s complement serial
audio data. Used only in the TDM digital interface format.
AOUT1 +,-
AOUT2 +,-
AOUT3 +,-
AOUT4 +,-
AOUT5 +,-
AOUT6 +,-
AOUT7 +,-
AOUT8 +,-
26, 25
27, 28
30, 29
31, 32
34, 33
36, 37
38, 39
40, 41
Differential Analog Output (Output) - The full-scale analog output level is specified in the Ana-
log Characteristics table. Each leg of the differential outputs may also be used single-ended.
MUTEC
35
Mute Control (Output) - Used as a control for external mute circuits to prevent the clicks and
pops that can occur in any single supply system.
AGND
42, 56 Analog Ground (Input) - Ground reference for the analog section.
VQ
43
Quiescent Voltage (Output) - Filter connection for internal quiescent reference voltage.
VA
44, 53
Analog Power (Input) - Positive power supply for the analog section. See “Digital I/O Pin Char-
acteristics” on page 8.
AIN1 +,-
AIN2 +,-
AIN3 +,-
AIN4 +,-
46, 45
48, 47
50, 49
52, 51
Differential Analog Input (Input) - Signals are presented differentially or single-ended to the
Delta-Sigma modulators. The full-scale input level is specified in the Analog Characteristics
specification table.
FILT+_DAC
54
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling cir-
cuits of the DAC.
FILT+_ADC
55
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling cir-
cuits of the ADC.
TSTN
57, 58
59, 60
Test In - This pin is an input used for test purposes only. It must be tied to ground for normal
operation.
INT
61
Interrupt (Output) - Signals either an ADC overflow condition has occurred in one or more of the
ADC inputs, or a clocking error has occurred in the DAC/ADC as specified in the Interrupt regis-
ter.
SCL/CCLK
63
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA/CDOUT
64
Serial Control Data I/O (Input/Output) - Input/Output for I²C data. Output for SPI data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com