Electronic Components Datasheet Search
  English  ▼

X  

CS42888 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS42888
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42888 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS42888 Datasheet HTML 23Page - Cirrus Logic CS42888 Datasheet HTML 24Page - Cirrus Logic CS42888 Datasheet HTML 25Page - Cirrus Logic CS42888 Datasheet HTML 26Page - Cirrus Logic CS42888 Datasheet HTML 27Page - Cirrus Logic CS42888 Datasheet HTML 28Page - Cirrus Logic CS42888 Datasheet HTML 29Page - Cirrus Logic CS42888 Datasheet HTML 30Page - Cirrus Logic CS42888 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
DS717F2
27
CS42888
4.3.2
Output Transient Control
The CS42888 uses Popguard technology to minimize the effects of output transients during power-up and
power-down. This technique eliminates the audio transients commonly produced by single-ended single-
supply converters when it is implemented with external DC-blocking capacitors connected in series with
the audio outputs. To make best use of this feature, it is necessary to understand its operation. See “Pop-
guard” on page 27 for details.
A Mute Control pin is also available for use with an optional mute circuit to mask output transients on the
analog outputs. See “Mute Control” on page 27 for details.
When changing clock ratio or sample rate, it is recommended that zero data (or near zero data) be present
on DAC_SDINx for at least 10 LRCK samples before the change is made. During the clocking change,
the DAC outputs will always be in a zero-data state. If no zero audio is present at the time of switching, a
slight click or pop may be heard as the DAC output automatically goes to its zero-data state.
4.3.3
Popguard
4.3.3.1
Power-Up
When the device is initially powered up, the audio outputs, AOUTxx, are clamped to VQ which is initially
low. After the RST pin is brought high and MCLK is applied, the outputs begin to ramp with VQ towards
the nominal quiescent voltage. This ramp takes approximately 400 ms to complete. The gradual voltage
ramping allows time for the external DC-blocking capacitors to charge to VQ, effectively blocking the qui-
escent DC voltage. Once valid DAC_LRCK, DAC_SCLK and DAC_SDINx are applied, audio output be-
gins approximately 2000 sample periods later.
4.3.3.2
Power-Down
To prevent audio transients at power-down, the DC-blocking capacitors must fully discharge before turn-
ing off the power. In order to do this, the PDN bit in register “Power Control (Address 02h)” on page 41
must be set to ‘1’ for a period of about 250 ms before removing power. During this time, voltage on VQ
and the audio outputs discharge gradually to AGND. If power is removed before this 250 ms time period
has passed, a transient will occur when the VA supply drops below that of VQ. There is no minimum time
for a power cycle. Power may be re-applied at any time.
4.3.4
Mute Control
The Mute Control pin, MUTEC, is typically connected to an external mute control circuit. The use of ex-
ternal mute circuits is not mandatory, but may be desired for designs requiring the absolute minimum in
extraneous clicks and pops.
MUTEC is in high-impedance mode during power up or when the CS42888 is in Power-Down Mode by
setting the PDN bit in the register “Power Control (Address 02h)” on page 41 to a ‘1’. Once out of Power-
Down Mode, the pin can be controlled by the user via the control port (see “MUTEC Pin Control (Address
1Bh)” on page 50) or automatically asserted to the active state when zero data is present on all DAC in-
puts, when all DAC outputs are muted, or when serial port clock errors occur.
To prevent large transients on the output, it is recommended to mute the DAC outputs before the Mute
Control pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com