Electronic Components Datasheet Search
  English  ▼

X  

AT98SC016CU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT98SC016CU
Description  Secure ASSP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT98SC016CU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT98SC016CU Datasheet HTML 1Page - ATMEL Corporation AT98SC016CU Datasheet HTML 2Page - ATMEL Corporation AT98SC016CU Datasheet HTML 3Page - ATMEL Corporation AT98SC016CU Datasheet HTML 4Page - ATMEL Corporation AT98SC016CU Datasheet HTML 5Page - ATMEL Corporation AT98SC016CU Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6566AS
–SMS–08Jun07
Features
General
• Single Chip Turnkey Solution
• Strong Challenge-Response Authentication Using Digital Signature
• Digital Signature (3DES MAC, PKCS#1 RSASSA_PSS and RSASSA_PKCS1_v1_5,
DSA, EC-DSA, HMAC)
• Encryption (3DES, PKCS#1 RSAES_OAEP and RSAES_PKCS1_v1_5)
• Message Digest (SHA-1, SHA-256)
• Public Key Pair Generation (RSA, RSA-CRT, DSA and EC-DSA)
• High Speed Hardware Cryptographic Engines
– Hardware 3DES Crypto Accelerator (112-bits keys)
– Hardware 32-bit Public Key Crypto Accelerator (RSA / DSA 2048 bits, ECC 384 bits)
• RSA 2048 signature in less than 360 ms, and verification in less than 60 ms
• 3DES encryption up to 50 KByte/s
• SecureAVR™ 8-/16-bit RISC CPU
• Internal 16K bytes EEPROM (10 years data retention, 500K cycles) with password
protected file system
• Flexible communication interface (Serial Peripheral Interface (SPI), Two Wire Interface
(TWI) or half-duplex ISO-7816 UART using T=0 or T=1 protocols)
• FIPS 140-2 Random Number Generator
• Secure Architecture Based on ATMEL secureAVR Microcontroller (AT90SC)
– To meet FIPS140-2 requirements
– To meet Common Criteria EAL4+ requirements
• Operating Range 1.62V to 5.5V
• Lower Power Consumption
• 20-QFN and 8-SOIC Packages
Description
Based on ATMEL Smart Card chip design expertise and leadership, the
AT98SC016CU is a fully integrated secure solution (Hardware and Firmware)
designed for embedded systems (Servers/Routers, Peripherals, Set Top Boxes,
PDAs, Vending/gaming machines, etc.).
This secure chip has been designed to serve anti-cloning, access control and
hardware protection applications. It provides an embedded crypto application allowing
a strong authentication, digital signature, encryption, message digest and secure
storage of user data (keys, etc.).
The AT98SC016CU includes a hardware Triple DES supporting symmetric-key
operations and a 32-bit crypto accelerator for public-key operations (RSA, DSA and
Elliptic Curves signature algorithms).
The chip comprises also a FIPS 140-2 Random Number Generator used to generate
on-chip public keys and challenges during authentication process.
Communication can occur through SPI or TWI using a proprietary block protocol, or
through the ISO7816 UART interface using T=0 or T=1.
In addition to the crypto application, the chip provides a robust communication
protocol, a persistent data storage with secure memory management (access control,
anti-tearing), and an administration application to manage contents and configuration
of the chip.
State-of-the-art security features embedded in Smart Card secure products dedicated
for Banking, ID and Pay-TV are also included in the AT98SC016CU. This includes
power and frequency protection logic, logical scrambling on data and address, power
Secure ASSP
AT98SC016CU
Summary
Note: This is a summary document. A complete document will be
available under NDA. For more information, please contact your
local Atmel sales office.


Similar Part No. - AT98SC016CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT98SC008CT ATMEL-AT98SC008CT Datasheet
1Mb / 18P
High-tech goods counterfeiting
AT98SC032CT ATMEL-AT98SC032CT Datasheet
124Kb / 5P
Secure ASSP
AT98SC032CT-USB ATMEL-AT98SC032CT-USB Datasheet
124Kb / 5P
Secure ASSP
More results

Similar Description - AT98SC016CU

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
ASSP for Mobile Telephone
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
IR RECEIVER ASSP
logo
Renesas Technology Corp
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
logo
ATMEL Corporation
AT98SC032CT ATMEL-AT98SC032CT Datasheet
124Kb / 5P
Secure ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
IR Receiver ASSP
logo
Renesas Technology Corp
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
logo
ATMEL Corporation
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com