Electronic Components Datasheet Search
  English  ▼

X  

AT98SC016CU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT98SC016CU
Description  Secure ASSP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT98SC016CU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT98SC016CU Datasheet HTML 1Page - ATMEL Corporation AT98SC016CU Datasheet HTML 2Page - ATMEL Corporation AT98SC016CU Datasheet HTML 3Page - ATMEL Corporation AT98SC016CU Datasheet HTML 4Page - ATMEL Corporation AT98SC016CU Datasheet HTML 5Page - ATMEL Corporation AT98SC016CU Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AT98SC016CU
6566AS-SMS
–08Jun07
20-QFN (Quad Flat No Lead) - RoHS - All protocols
Figure 2.
20-QFN Package diagram, drawing and pinout.
PIN#
Name
Description
1
A0
TWI Address selection line A0
2
A1
TWI Address selection line A1
3
A2
TWI Address selection line A2
4
RST*
CPU Reset
5
Vcc
Power supply
6
MISO
SPI Master Input Slave Output
10
MOSI
SPI Master Output Slave Input
11
GND
Ground (reference voltage)
12
SS* / SCL
SPI Slave Select or TWI clock
13
IO / SPISEL* / SDA
ISO7816 I/O or SPI/TWI selection or TWI Data
14
A3
TWI Address selection line A3
15
A4
TWI Address selection line A4
16
SCK
SPI clock
20
CLK / GND
ISO 7816 Clock or Ground (reference voltage)
Other
Not Connected
(do not connect to GND)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com