Electronic Components Datasheet Search
  English  ▼

X  

ATR1842 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR1842
Description  Front Monitor Diode for Blu-ray/HD-DVD/ DVD/CD with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR1842 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR1842 Datasheet HTML 1Page - ATMEL Corporation ATR1842 Datasheet HTML 2Page - ATMEL Corporation ATR1842 Datasheet HTML 3Page - ATMEL Corporation ATR1842 Datasheet HTML 4Page - ATMEL Corporation ATR1842 Datasheet HTML 5Page - ATMEL Corporation ATR1842 Datasheet HTML 6Page - ATMEL Corporation ATR1842 Datasheet HTML 7Page - ATMEL Corporation ATR1842 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
9109AS–DVD–08/07
ATR1842 [Preliminary]
2.
Pin Configuration
Figure 2-1.
Pinning QFN12L
1
2
3
4
8
7
6
5
GND
RF-
RF+
VCC
GND
SENB
SCLK
SDATA
NC
NC
912
NC
NC
10
11
Table 2-1.
Pin Description
Pin
Symbol
Type
Function
1
GND
Supply
Ground
2
RF-
Analog
Negative output
3
RF+
Analog
Positive output
4
VCC
Supply
Power supply
5
SDATA
Digital
Serial interface, data input
6
SCLK
Digital
Serial interface, clock
7
SENB
Digital
Serial interface, data enable
8
GND
Supply
Ground
9
NC
Not connected
10
NC
Not connected
11
NC
Not connected
12
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com