Electronic Components Datasheet Search
  English  ▼

X  

ATR1842 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR1842
Description  Front Monitor Diode for Blu-ray/HD-DVD/ DVD/CD with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR1842 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR1842 Datasheet HTML 1Page - ATMEL Corporation ATR1842 Datasheet HTML 2Page - ATMEL Corporation ATR1842 Datasheet HTML 3Page - ATMEL Corporation ATR1842 Datasheet HTML 4Page - ATMEL Corporation ATR1842 Datasheet HTML 5Page - ATMEL Corporation ATR1842 Datasheet HTML 6Page - ATMEL Corporation ATR1842 Datasheet HTML 7Page - ATMEL Corporation ATR1842 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
9109AS–DVD–08/07
ATR1842 [Preliminary]
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
–0.5 to +6.0
V
Input voltage at any input
V
in
–0.5 to VCC – 0.5
V
Storage temperature
T
stg
–40 to +100
°C
Soldering temperature QFN_Open package
T
sol
260
°C
4.
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage
VCC
4.5 to 5.5
V
Operating temperature range
Tamb
–10 to +80
°C
5.
Electrical Characteristics: General
V
CC = 5V, Tamb = 25°C, λ = 405 nm/780 nm/650 nm
Output load: Rload = 10 kΩ, Cload = 20 pF
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
DC Specifications, Power Supply
1.1
Supply current
ICC
28
30
mA
A
1.2
Supply current
(standby mode)
I
CC
0.5
mA
A
1.3
VREF_INT
1.65
V
A
1.4
TCV
REF_INT
15
µV/°C
C
1.5
Maximum output voltage
Vout
VCC –
0.9
VC
1.6
Minimum output voltage
Vout
0.3
V
C
1.7
Power supply rejection
ratio
Low-frequency (10 kHz),
inclusive application/
flexboard
PSRR
–45
dB
C
1.8
Power supply rejection
ratio
High-frequency
(100 kHz), inclusive
application/ flexboard
PSRR
–45
dB
C
2
Output Offset Voltage
2.1
Output offset
VREF – VRF+, VREF – VRF–
VOFF1
–20
0
+20
mV
C
2.2
Offset drift
dVOFF/dT
–25
+25
µV/°C
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com