Electronic Components Datasheet Search
  English  ▼

X  

MP240 Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP240
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP240 Datasheet(HTML) 2 Page - Cirrus Logic

  MP240 Datasheet HTML 1Page - Cirrus Logic MP240 Datasheet HTML 2Page - Cirrus Logic MP240 Datasheet HTML 3Page - Cirrus Logic MP240 Datasheet HTML 4Page - Cirrus Logic MP240 Datasheet HTML 5Page - Cirrus Logic MP240 Datasheet HTML 6Page - Cirrus Logic MP240 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP240
2
MP240U
Parameter
symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to -VS
200
V
OUTPUT CURRENT, +V
b
(Note 6)
+V
S + 15V
V
POWER DISSIPATION, -V
b
(Note 6)
-V
S - 15V
V
OUTPUT CURRENT, peak, within SOA
25
A
POWER DISSIPATION, internal, DC
170
W
INPUT VOLTAGE
+V
B to -VB
V
TEMPERATURE, pin solder, 10s
225
°C
TEMPERATURE, junction
(Note 2)
150
°C
TEMPERATURE RANGE, storage
−40
105
°C
OPERATING TEMPERATURE, case
−40
85
°C
characteristicsanDsPeciFications
absolUteMaxiMUMratinGs
Parameter
testconditions
Min
typ
Max
Units
inPUt
OFFSET VOLTAGE
1
5
mV
OFFSET VOLTAGE vs. temperature
Full temperature range
20
50
µV/°C
OFFSET VOLTAGE vs. supply
20
µV/V
BIAS CURRENT, initial
(Note 3)
100
pA
BIAS CURRENT vs. supply
0.1
pA/V
OFFSET CURRENT, initial
50
pA
INPUT IMPEDANCE, DC
100
GΩ
INPUT CAPACITANCE
4
pF
COMMON MODE VOLTAGE RANGE
+V
B - 15
V
COMMON MODE VOLTAGE RANGE
-V
B + 15
V
COMMON MODE REJECTION, DC
92
dB
DIFFERENTIAL INPUT VOLTAGE
±25
V
NOISE
1MHz bandwidth, 1kΩ R
S
5
µV RMS
SHUTDOWN, active
HSD - LSD
4.5
5
5.5
V
SHUTDOWN, inactive
HSD - LSD
-0.5
0
0.25
V
Gain
OPEN LOOP @ 15Hz
R
L= 1KΩ, CC = 100pF
96
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
C
C = 100pF
1.8
MHz
PHASE MARGIN
Full temperature range
60
°
oUtPUt
VOLTAGE SWING
I
O = 20mA
+V
S - 10
+V
S - 7
V
VOLTAGE SWING
I
O = -20mA
-V
S + 10
-V
S + 8
V
VOLTAGE SWING
I
O = 20A, +VB = +VS +10V
+V
S - 3.0
+V
S - 2.0
V
VOLTAGE SWING
I
O = -20A, -VB = -VS -10V
-V
S + 6.0
-V
S + 5.0
V
CURRENT, continuous, DC
20
A
SLEW RATE, A
V = -10
C
C = 100pF
12
14
V/µS
sPeciFications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com