Electronic Components Datasheet Search
  English  ▼

X  

MP240 Datasheet(PDF) 3 Page - Cirrus Logic

Part # MP240
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP240 Datasheet(HTML) 3 Page - Cirrus Logic

  MP240 Datasheet HTML 1Page - Cirrus Logic MP240 Datasheet HTML 2Page - Cirrus Logic MP240 Datasheet HTML 3Page - Cirrus Logic MP240 Datasheet HTML 4Page - Cirrus Logic MP240 Datasheet HTML 5Page - Cirrus Logic MP240 Datasheet HTML 6Page - Cirrus Logic MP240 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP240
MP240U

NOTES:
1. Unless otherwise noted: T
C = 25°C, compensation CC = 680pF, DC input specifications are ± value
given, power supply voltage is typical rating. Amplifier operated without boost feature.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
internal power dissipation to achieve high MTBF.
3. Doubles for every 10°C of case temperature increase.
4. +V
S and -VS denote the + and - output stage supply voltages. +VB and -VB denote the + and - input
stage supply voltages (boost voltages).
5. Rating applies if the output current alternates between both output transistors at a rate faster than
60Hz.
6. Power supply voltages +V
B and -VB must not be less than +VS and -VS respectively.
Parameter
testconditions
Min
typ
Max
Units
SETTLING TIME, to 0.1%
A
V = -1, 10V Step, CC = 680pF
5
µS
RESISTANCE, open loop
DC, 10A Load
0.2
Ω
PoWersUPPlY
VOLTAGE
±15
±75
±100
V
CURRENT, quiescent, total
16.5
25
mA
CURRENT, shutdown or class C quiescent
8.5
mA
CURRENT, boost supply
8.5
mA
therMal
RESISTANCE, AC, junction to case (Note 5) Full temp range, f ≥ 60Hz
0.58
°C/W
RESISTANCE, DC, junction to case
Full temp range, f < 60Hz
0.73
°C/W
RESISTANCE, junction to air
Full temp range
14
°C/W
TEMPERATURE RANGE, case
-40
85
°C
externalconnections
42-PinDiP
PackagestyleFc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com